Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL0401B-10-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL0401B-10-Q1
Description  128-TAPS Single-Channel Digital Potentiometer With I2C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401B-10-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPL0401B-10-Q1 Datasheet HTML 1Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 2Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 3Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 4Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 5Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 6Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 7Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 8Page - Texas Instruments TPL0401B-10-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TPL0401A/B-10
I
2C INTERFACE
WIPER
REGISTER
SCL
SDA
GND
VDD
W
H
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPL0401A
TPL0401B
SLIS144B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
TPL0401x-10 128-TAPS Single-Channel Digital Potentiometer With I2C Interface
1
1 Features
1
Single-Channel, 128-Position Resolution
10-kΩ End-to-End Resistance Options
Low Temperature Coefficient: 22 ppm/°C
I2C Serial Interface
2.7-V to 5.5-V Single-Supply Operation
±20% Resistance Tolerance
A and B Versions Have Different I2C Addresses
L Terminal is Internal and Connected to GND
Operating Temperature: –40°C to +125°C
Available in Industry Standard SC70 Packages
ESD Performance Tested per JESD 22
2000-V Human-Body Model (A114-B, Class II)
2 Applications
Mechanical Potentiometer Replacement
Adjustable Power Supplies
Adjustable Gain Amplifiers and Offset Trimming
Precision Calibration of Setpoint Thresholds
Sensor Trimming and Calibration
3 Description
The TPL0401x-10 device is a single-channel, linear-
taper digital potentiometer with 128 wiper positions.
The TPL0401x-10 has the low terminal internal and
connected to GND. The position of the wiper can be
adjusted using an I2C interface. The TPL0401x-10 is
available in a 6-pin SC70 package with a specified
temperature range of –40°C to +125°C. The part has
a 10-kΩ end-to-end resistance and can operate with
a supply voltage range of 2.7 V to 5.5 V. This kind of
product is widely used in setting the voltage reference
for low power DDR3 memory.
The TPL0401x-10 has the low terminal internal and
connected to GND.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPL0401A-10
TPL0401B-10
SC70 (6)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Numéro de pièce similaire - TPL0401B-10-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401B-10-Q1 TI1-TPL0401B-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
More results

Description similaire - TPL0401B-10-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
328Kb / 18P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com