Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM24LC21BIS Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce AM24LC21BIS
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21BIS Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AM24LC21BIS Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 9Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 10Page - List of Unclassifed Manufacturers AM24LC21BIS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AM24LC21B
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jul 2, 2003
7/13
SCL
SDA
(A)
(C)
(D)
(D)
(B)
(A)
START
Condition
Address or
acknowledge
valid
Data allowed to change
STOP
condition
Figure 3-3. Data transfer sequence on the serial bus
3.1.4 Data Valid (D)
The state of the data line represents valid data
when, after a START condition, the data line is
stable for the duration of the HIGH period of the
clock signal. The data on the line must be changed
during the LOW period of the clock signal. There is
one clock pulse per bit of data. Each data transfer
is initiated with a START condition and terminated
with a STOP condition. The number of the data
bytes transferred between the START and STOP
conditions is determined by the master device and
is theoretically unlimited, although only the last
eight will be stored when doing a write operation.
When an overwrite does occur it will replace data in
a first in first out fashion.
3.1.5 Acknowledge
Each receiving device, when addressed, is obliged
to generate an acknowledge after the reception of
each byte. The master device must generate an
extra clock pulse which is associated with this
acknowledge bit.
Note:
The
AM24LC21B
does
not
generate
any
acknowledge bits if an internal programming cycle
is in progress.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in
such a way that the SDA line is stable LOW during
the HIGH period of the acknowledge related clock
pulse. Of course, setup and hold times must be
taken into account. A master must signal an end of
data to the slave by not generating an acknowledge
bit on the last byte that has been clocked out of the
slave. In this case, the slave must leave the data
line HIGH to enable the master to generate the
STOP condition.
SCL
SDA
START
STOP
T
SU(STP)
V
HYS
T
HD(ST)
T
SU(ST)
Figure 3-4. Bus timing start/stop


Numéro de pièce similaire - AM24LC21BIS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IN ETC-AM24LC21IN Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21INA ETC-AM24LC21INA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21IS ETC-AM24LC21IS Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21ISA ETC-AM24LC21ISA Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Description similaire - AM24LC21BIS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com