Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5344-EVB Fiches technique(PDF) 3 Page - Silicon Laboratories

No de pièce SI5344-EVB
Description  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5344-EVB Fiches technique(HTML) 3 Page - Silicon Laboratories

  SI5344-EVB Datasheet HTML 1Page - Silicon Laboratories SI5344-EVB Datasheet HTML 2Page - Silicon Laboratories SI5344-EVB Datasheet HTML 3Page - Silicon Laboratories SI5344-EVB Datasheet HTML 4Page - Silicon Laboratories SI5344-EVB Datasheet HTML 5Page - Silicon Laboratories SI5344-EVB Datasheet HTML 6Page - Silicon Laboratories SI5344-EVB Datasheet HTML 7Page - Silicon Laboratories SI5344-EVB Datasheet HTML 8Page - Silicon Laboratories SI5344-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Si5344-EVB
Rev. 1.0
3
2. Si5344 EVB Support Documentation and ClockBulderProTM Software
All Si5344 schematics, BOMs, User’s Guides, and software can be found on-line at the following link:
http://www.silabs.com/products/clocksoscillators/pages/si538x-4x-evb.aspx
3. Quick Start
1. Install ClockBuilderPro™ desktop software: http://www.silabs.com/CBPro
2. Connect a USB cable from the Si5344-EVB to the PC where the software is installed.
3. Leave the jumpers as installed from the factory, and launch the ClockBuilderPro™ software.
4. You can use ClockBuilderPro™ to create, download, and run a frequency plan on the Si5344-EVB.
5. For the Si5344 data sheet go here: http://www.silabs.com/timing
4. Jumper Defaults
Si5340 EVB Jumper Defaults
Location
Type
I = Installed
0 = Open
Location
Type
I = Installed
0 = Open
JP1
2 pin
I
JP14
2 pin
O
JP2
2 pin
I
JP15
2 pin
O
JP3
2 pin
O
JP16
3 pin
all open
JP4
2 pin
O
JP17
3 pin
all open
JP5
3 pin
1 to 2
JP18
2 pin
O
JP6
2 pin
O
JP19
2 pin
O
JP7
2 pin
O
JP20
3 pin
all open
JP8
2 pin
O
JP21
3 pin
all open
JP9
2 pin
O
JP22
2 pin
O
JP10
2 pin
O
JP23
2 pin
O
JP11
2 pin
O
JP24
3 pin
all open
JP12
2 pin
O
JP13
2 pin
O
JP17
5x2 Hdr
All 5 installed
Note: Refer to the Si5344 EVB Schematics for the functionality associated with each jumper.


Numéro de pièce similaire - SI5344-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si5344-D-EVB SILABS-Si5344-D-EVB Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Skyworks Solutions Inc.
SI5344-D-EVB SKYWORKS-SI5344-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Description similaire - SI5344-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com