Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2401FS10-EVB Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI2401FS10-EVB
Description  Audio connector for call monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401FS10-EVB Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI2401FS10-EVB Datasheet HTML 6Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 7Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 8Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 9Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 10Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 11Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 12Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 13Page - Silicon Laboratories SI2401FS10-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Si2401FS10-EVB
10
Rev. 1.1
5. Bill of Materials: Si2401 Daughter Card
Value
Rating
Tolerance
Foot Print
Dielectric
Manufacturer Number
Manufacturer
1
2
C2,C1
33 pF
Y2
±20%
1808
X7R
GA342D1XGF330JY02L
Murata
2
1
C3
10 nF
250 V
±20%
0805
X7R
C0805X7R251-103MNE
Venkel
3
1
C4
1.0 uF
50 V
±20%
Size A
Al
Electrolytic
NACE1R0M50V
NIC Components
4
3
C5,C6,C50
0.1 uF
16 V
±20%
0603
X7R
C0603X7R160-104MNE
Venkel
5
1
C7
2.7 nF
50 V
±20%
0603
X7R
C0603X7R500-272MNE
Venkel
6
2
C9,C8
680 pF
Y3
±10%
1808
X7R
GA342QR7GD681KW01L
Murata
7
1
C10
0.01 uF
16 V
±20%
0603
X7R
C0603X7R160-103MNE
Venkel
8
2
C41,C40
33 pF
16 V
±5%
0603
NPO
C0603NPO160-330JNE
Venkel
9
1
C51
0.22 uF
16 V
±20%
0603
X7R
C0603X7R160-104MNE
Venkel
10
1
C54
1.0 uF
10 V
±10%
Case A
Tant
TA010TCM105-KAL
Venkel
11
1
D1
HD04
400 V
Mini-DIP
HD04-T
Diodes, Inc.
12
2
FB2,FB1
Ferrite Bead
0603
BLM18AG601S
MuRata
13
1
FB5
Ferrite Bead
0603
BLM18AG601S
Murata
14
1
JP1
HEADER 8X2
2x8 Surface Mount
Header, .1 space
TSM-108-01-T-DV
Samtec
15
1
JP2
4X1 Header_0
CONN1X4-100-
SMT
68000-403
Berg
16
2
Q3,Q1
NPN
300 V
SOT-23
MMBTA42LT1
On Semi
17
1
Q2
PNP
300 V
SOT-23
MMBTA92LT1
On Semi
18
2
Q4,Q5
NPN
80 V
SOT-23
MMBTA06LT1
On Semi
19
1
RV1
SiDactor
275 V
100 A
SOD 6
P3100SB
Teccor
20
1
R1
1.07 K
1/2 W
±1%
1210
CR1210-2W-1071FT
Venkel
21
1
R2
150
1/16 W
±5%
0402
CR0402-16W-150JT
Venkel
22
1
R3
3.65 K
1/2 W
±1%
1210
CR1210-2W-3651FT
Venkel
23
1
R4
2.49 K
1/2 W
±1%
1210
CR1210-2W-2491FT
Venkel
24
2
R5,R6
100 K
1/16 W
±5%
0402
CR0402-16W-104JT
Venkel
25
2
R8,R7
20 M
1/8 W
±5%
0805
CR0805-8W-206JT
Venkel
26
1
R9
1 M
1/16 W
±1%
0402
CR0402-16W-1004FT
Venkel
27
1
R10
536
1/4 W
±1%
1206
CR1206-4W-5360FT
Venkel
28
1
R11
73.2
1/2 W
±1%
1210
CR1210-2W-73R2FT
Venkel
29
4
R12,R13,R15,R16
0
1/16 W
±1%
0603
CR0603-16W-000F
Venkel
30
1
U1
Si2401
16pin SOIC
Si2401-KS
Silicon Laboratories
31
1
U2
Si3010
16pin SOIC
Si3010-KS
Silicon Laboratories
32
1
Y1
4.9152Mhz
20pF load,
150 ESR
50 ppm
ATS-SM
559-FOXSD049-20
CTS Reeves
33
1
Z1
43 V
1/2 W
SOD-123
MMSZ43T1
OnSemi
Non-installed Components
34
2
C31,C30
120pF
250 V
±10%
0805
X7R
C0805X7R251-121KNE
Venkel
35
2
C55,C56
0.1 uF
10 V
±20%
C0603
X7R
C0603C124K
Kemet
36
1
R18
1.3 k
1/16 W
±5%
RC0603
CR0603-16W-132JT
Venkel
37
5
R19,R20,R21,R22,R23
0
1/16W
±5%
RC0603
CR0603-16W-000J
Venkel
38
2
R32,R30
15M
1/8 W
±5%
0805
CR0805-8W-156JT
Venkel
39
2
R33,R31
5.1M
1/8 W
±5%
0805
CR0805-8W-515JT
Venkel
40
1
C52
0.1 uF
16 V
±20%
0603
X7R
C0603X7R160-104MNE
Venkel
41
1
C53
0.22 uF
16 V
±20%
0603
X7R
C0603X7R160-104MNE
Venkel
42
1
U3
Si24xx
24pin TSSOP
Silicon Laboratories
Item
Quantity
Reference


Numéro de pièce similaire - SI2401FS10-EVB

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2401 SILABS-SI2401 Datasheet
751Kb / 72P
   V.22BIS ISOMODEM WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
More results

Description similaire - SI2401FS10-EVB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI2400URT-EVB SILABS-SI2400URT-EVB Datasheet
683Kb / 22P
   Audio connector for call monitoring
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
ELAN Microelectronics C...
AG8889 EMC-AG8889 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
   Selective Call
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
PHOENIX CONTACT
PSI-MODEM-BASIC PHOENIX-PSI-MODEM-BASIC Datasheet
60Kb / 2P
   Configurable, selective call acceptance
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com