Moteur de recherche de fiches techniques de composants électroniques |
|
AD1991ASV Fiches technique(PDF) 4 Page - Analog Devices |
|
AD1991ASV Fiches technique(HTML) 4 Page - Analog Devices |
4 / 11 page REV. 0 –4– AD1991 ABSOLUTE MAXIMUM RATINGS 1 (TA = 25 °C, unless otherwise noted.) AVDD, DVDD to AGND, DGND . . . . . . . . . . –0.3 V to +6.5 V PVDDX to PGNDx 2 . . . . . . . . . . . . . . . . . . . –0.3 V to +30.0 V AGND to DGND to PGNDx . . . . . . . . . . . . –0.3 V to +0.3 V AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +0.5 V Operating Temperature Range (Ambient) Industrial . . . . . . . . . . . . . . . . . . . . . . . . . –40 °C to +85°C Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150 °C θ JC Thermal Resistance 3 . . . . . . . . . . . . . . . . . . . . . . . 1 °C/W Lead Temperature Soldering (10 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 260 °C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215 °C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220 °C CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD1991 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. 2Including any induced voltage due to inductive load. 3With respect to the temperature of the exposed pad. ORDERING GUIDE Temperature Package Package Model Range Description Option AD1991ASV –40 °C to +85°CThin Quad Flat Pack [TQFP] SV-52 AD1991ASVRL –40 °C to +85°CThin Quad Flat Pack [TQFP] SV-52 EVAL-AD1991EB Evaluation Board |
Numéro de pièce similaire - AD1991ASV |
|
Description similaire - AD1991ASV |