Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1GX04 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVC1GX04
Description  X-tal driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1GX04 Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVC1GX04 Datasheet HTML 1Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 2Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 3Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 4Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 5Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 6Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 7Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 8Page - NXP Semiconductors 74LVC1GX04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2003 Aug 13
4
Philips Semiconductors
Product specification
X-tal driver
74LVC1GX04
ORDERING INFORMATION
PINNING
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1GX04GW
−40 to +125 °C
6
TSSOP6
plastic
SOT363
VX
74LVC1GX04GV
−40 to +125 °C
6
TSSOP6
plastic
SOT457
VX4
PIN
SYMBOL
DESCRIPTION
1
n.c.
not connected
2
GND
ground (0 V)
3
X1
data input
4
X2
data output
5VCC
supply voltage
6
Y
data output
handbook, halfpage
1
25
3
6
4
MNB097
X04
VCC
GND
X2
Y
X1
n.c.
Fig.1 Pin configuration.
handbook, halfpage
MNB098
X1
X2
Y
3
6
4
Fig.2 Logic symbol.


Numéro de pièce similaire - 74LVC1GX04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
Texas Instruments
74LVC1GX04DBVRE4 TI1-74LVC1GX04DBVRE4 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
74LVC1GX04DBVRG4 TI1-74LVC1GX04DBVRG4 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
More results

Description similaire - 74LVC1GX04

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
NXP Semiconductors
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125 Datasheet
143Kb / 29P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-7 August 2008
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
logo
Asahi Kasei Microsystem...
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com