Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72321BRX Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce ST72321BRX
Description  32K to 60K dual voltage High Density Flash
Download  187 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321BRX Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button ST72321BRX Datasheet HTML 6Page - STMicroelectronics ST72321BRX Datasheet HTML 7Page - STMicroelectronics ST72321BRX Datasheet HTML 8Page - STMicroelectronics ST72321BRX Datasheet HTML 9Page - STMicroelectronics ST72321BRX Datasheet HTML 10Page - STMicroelectronics ST72321BRX Datasheet HTML 11Page - STMicroelectronics ST72321BRX Datasheet HTML 12Page - STMicroelectronics ST72321BRX Datasheet HTML 13Page - STMicroelectronics ST72321BRX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 187 page
background image
ST72321BRx, ST72321BARx ST72321BJx, ST72321BKx
10/187
Figure 4. 32-Pin LQFP Package Pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 13 1415 16
1
2
3
4
5
6
7
8
ei1
ei3
ei0
OCMP1_A / AIN10 / PF4
ICAP1_A / (HS) PF6
EXTCLK_A / (HS) PF7
AIN12 / OCMP2_B / PC0
VAREF
VSSA
MCO / AIN8 / PF0
BEEP / (HS) PF1
VPP / ICCSEL
PA7 (HS) / SCLI
PA6 (HS) / SDAI
PA4 (HS)
OSC1
OSC2
VSS_2
RESET
ei2
eix
associated external interrupt vector
(HS) 20mA high sink capability


Numéro de pièce similaire - ST72321BRX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST72321BR6-AUTO STMICROELECTRONICS-ST72321BR6-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST72321BR7-AUTO STMICROELECTRONICS-ST72321BR7-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
ST72321BR9-AUTO STMICROELECTRONICS-ST72321BR9-AUTO Datasheet
4Mb / 247P
   8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
More results

Description similaire - ST72321BRX

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
logo
ATMEL Corporation
AT89C51RC2_0312 ATMEL-AT89C51RC2_0312 Datasheet
1Mb / 127P
   Microcontroller with 16K/32K Bytes Flash
logo
Hynix Semiconductor
GMS99C58 HYNIX-GMS99C58 Datasheet
628Kb / 34P
   32K FLASH EMBEDDED 8-Bit MCU
logo
Jingjing Microelectroni...
EG27324 EGMICRO-EG27324 Datasheet
622Kb / 9P
   Dual-Double-DensIty Dual-DensIty DIspenser
EG27325 EGMICRO-EG27325 Datasheet
461Kb / 11P
   Dual-Double-DensIty Dual-DensIty DIspenser
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC_14 Datasheet
541Kb / 36P
   32K Bytes of Reprogrammable Flash Memory
logo
Semtech Corporation
SDHD5K SEMTECH-SDHD5K Datasheet
41Kb / 2P
   HIGH DENSITY , HIGH VOLTAGE 5KV DOUBLER
logo
STMicroelectronics
PM0068 STMICROELECTRONICS-PM0068 Datasheet
230Kb / 31P
   STM32F10xxx XL-density Flash programming
logo
ATMEL Corporation
AT89C51RC ATMEL-AT89C51RC Datasheet
246Kb / 37P
   8-bit Microcontroller with 32K Bytes Flash
logo
STMicroelectronics
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
   8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com