Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6205A1DGNRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6205A1DGNRG4
Description  1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6205A1DGNRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPA6205A1DGNRG4 Datasheet HTML 2Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 3Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 4Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 5Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 6Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 7Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 8Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 9Page - Texas Instruments TPA6205A1DGNRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8
13
18
23
28
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
RL - Load Resistance - W
f = 1 kHz
THD+N = 1%
Gain = 1 V/V
32
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.5
3
3.5
4
4.5
5
VDD - Supply V oltage - V
THD+N = 1%
THD+N = 10%
SLOS490TPA6205A1
SLOS490C – JULY 2006 – REVISED NOVEMBER 2015
www.ti.com
7.7 Dissipation Ratings
PACKAGE
TA
≤ 25°C POWER
DERATING
TA
≤ 70°C POWER RATING
TA
≤ 85°C POWER RATING
RATING
FACTOR
ZQV
885 mW
8.8 mW/°C
486 mW
354 mW
DGN
2.13 W
17.1 mW/°C
1.36 W
1.11 W
DRB
2.7 W
21.8 mW/°C
1.7 W
1.4 W
7.8 Typical Characteristics
Table 1. Table of Graphs
FIGURE
vs Supply voltage
Figure 1
PO
Output power
vs Load resistance
Figure 2, Figure 3
PD
Power dissipation
vs Output power
Figure 4, Figure 5
Maximum ambient temperature
vs Power dissipation
Figure 6
vs Output power
Figure 7, Figure 8
Total harmonic distortion + noise
vs Frequency
Figure 9, Figure 10, Figure 11, Figure 12
vs Common-mode input voltage
Figure 13
Supply voltage rejection ratio
vs Frequency
Figure 14, Figure 15, Figure 16, Figure 17
Supply voltage rejection ratio
vs Common-mode input voltage
Figure 18
GSM Power supply rejection
vs Time
Figure 19
GSM Power supply rejection
vs Frequency
Figure 20
vs Frequency
Figure 21
CMRR
Common-mode rejection ratio
vs Common-mode input voltage
Figure 22
Closed loop gain/phase
vs Frequency
Figure 23
Open loop gain/phase
vs Frequency
Figure 24
IDD
Supply current
vs Supply voltage
Figure 25
Start-up time
vs Bypass capacitor
Figure 26
Figure 1. Output Power vs Supply Voltage
Figure 2. Output Power vs Load Resistance
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SLOS490TPA6205A1


Numéro de pièce similaire - TPA6205A1DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1DGNRG4 TI1-TPA6205A1DGNRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
TPA6205A1DGNRG4 TI-TPA6205A1DGNRG4 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
More results

Description similaire - TPA6205A1DGNRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI-TPA6205A1_07 Datasheet
995Kb / 26P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com