Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD12S016 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPD12S016
Description  HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPD12S016_17 Datasheet HTML 3Page - Texas Instruments TPD12S016_17 Datasheet HTML 4Page - Texas Instruments TPD12S016_17 Datasheet HTML 5Page - Texas Instruments TPD12S016_17 Datasheet HTML 6Page - Texas Instruments TPD12S016_17 Datasheet HTML 7Page - Texas Instruments TPD12S016_17 Datasheet HTML 8Page - Texas Instruments TPD12S016_17 Datasheet HTML 9Page - Texas Instruments TPD12S016_17 Datasheet HTML 10Page - Texas Instruments TPD12S016_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TPD12S016
www.ti.com
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH SPEED ESD LINES: DX, CLKX
VCCA = 3.3 V,
VCC5V = 5.0 V,
IIO
Current through ESD clamp ports
D, CLK
0.01
0.5
µA
VIO = 3.3 V
VDL
Diode forward voltage
ID = 8 mA
Lower clamp diode
0.8
1.0
V
RDYN
Dynamic resistance
I = 1 A
D, CLK
1
Ω
PW Package
VCC = 5 V,
1.0
CIO
IO capacitance
VIO = 2.5 V
D, CLK
pF
RKT Package
1.2
ƒ = 1 MHz
VCC = 5 V,
Differential capacitance for the Dx+,
ΔCIO_TMDS
VIO = 2.5 V
D, CLK
0.05
pF
Dx– lines
ƒ = 1 MHz
VBR
Break-down voltage
IIO = 1 mA
6.5
9
V
LOAD SWITCH VCC5V, 5V_OUT
VCC5V = 5 V, 5V OUT =Open, LS_OE = GND,
Supply current at VCC5V
1
45
µA
CT_HPD = GND
ICC5V
VCC5V = 5 V, 5V OUT =Open, LS_OE = GND,
Supply current at VCC5V
4
50
µA
CT_HPD = 3.3 V
ISC
Short circuit current at 5V_OUT
VCC5V = 5 V, 5V_OUT = GND
100
150
200
mA
VDROP
5V_OUT output voltage drop
VCC5V = 5 V, I5V_OUT = 55 mA
35
50
mV
TON
Turn on time, VCC5V to 5V_OUT
CLOAD = 0.1 µF, RLOAD = 500 Ω
77
µs
TOFF
Turn off time, VCC5V to 5V_OUT
CLOAD = 0.1 µF, RLOAD = 500 Ω
7.0
µs
Shutdown threshold, TRIP(1)
140
TSHUT
Thermal Shutdown
°C
HYST(2)
12
VOLTAGE LEVEL SHIFTER – SCL, SDA LINES (x_A AND x_B PORTS)
VCCA = 1.1 V
VOHA
IOH = –20 μA
VI = VIH
VCCA × 0.80
V
to 3.6 V
VCCA = 1.1 V
VOLA
IOL = 20 µA
VI = VIL
VCCA × 0.17
V
to 3.6 V
5VOUT ×
VOHB
IOH = –20 μA
VI = VIH
V
0.90
VOLB
IOL = 3 mA
VI = VIL
0.4
V
ΔVT
Hysteresis at the SDx_A (VT+ – VT–)
VCCA = 1.1 V to 3.6 V
40
mV
ΔVT
Hysteresis at the SDx_B (VT+ – VT–)
VCCA = 1.1 V to 3.6 V
400
mV
SCL_A, SDA_A
Pull-up connected to VCCA rail
10
RPU
(Internal pullup)
k
Ω
SCL_B, SDA_B
Pull-up connected to 5-V rail
1.75
Transient boosted pullup current
IPULLUPAC
SCL_B, SDA_B
Pull-up connected to 5-V rail
15
mA
(rise-time accelerator)
A port
VCCA = 0 V, VI or VO = 0 to 3.6 V
VCCA = 0 V
±5
Ioff
μA
VCCA = 0 V to
B port
5VOUT = 0 V, VI or VO = 0 to 5.5 V
±5
3.6 V
VCCA = 1.1 V
B port
VO = VCCO or GND
±5
to 3.6 V
IOZ
μA
VCCA = 1.1 V
A port
VI = VCCI or GND
±5
to 3.6 V
(1)
The TPD12S016 turns off after the device temperature reaches the TRIP temperature.
(2)
After the thermal shut-down circuit turns off the load switch, the switch turns on again after the device junction temperature cools down
to a temperature equals to or less than TRIP-HYST.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD12S016


Numéro de pièce similaire - TPD12S016_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
More results

Description similaire - TPD12S016_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com