Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6204A1DRB Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6204A1DRB
Description  1.7-W Mono Fully Differential Audio Power Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6204A1DRB Fiches technique(HTML) 4 Page - Texas Instruments

  TPA6204A1DRB Datasheet HTML 1Page - Texas Instruments TPA6204A1DRB Datasheet HTML 2Page - Texas Instruments TPA6204A1DRB Datasheet HTML 3Page - Texas Instruments TPA6204A1DRB Datasheet HTML 4Page - Texas Instruments TPA6204A1DRB Datasheet HTML 5Page - Texas Instruments TPA6204A1DRB Datasheet HTML 6Page - Texas Instruments TPA6204A1DRB Datasheet HTML 7Page - Texas Instruments TPA6204A1DRB Datasheet HTML 8Page - Texas Instruments TPA6204A1DRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TPA6204A1
SLOS429C – MAY 2004 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPA6204A1
Submit Documentation Feedback
Copyright © 2004–2016 , Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
High-level input voltage, VIH
SHUTDOWN
1.55
V
Low-level input voltage, VIL
SHUTDOWN
0.5
V
Operating free-air temperature, TA
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA6204A1
UNIT
DRB (SON)
8 PINS
RθJA
Junction-to-ambient thermal resistance
50.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.2
°C/W
RθJB
Junction-to-board thermal resistance
25.5
°C/W
ψJT
Junction-to-top characterization parameter
1.8
°C/W
ψJB
Junction-to-board characterization parameter
25.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.7
°C/W
7.5 Electrical Characteristics: TA = 25°C
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Output offset voltage (measured
differentially)
VI = 0 V differential, Gain = 1 V/V, VDD = 5.5 V
–9
0.3
9
mV
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
–85
–60
dB
VIC
Common mode input range
VDD = 2.5 V to 5.5 V
0.5
VDD – 0.8
V
CMRR
Common mode rejection ratio
VDD = 5.5 V, VIC = 0.5 V to 4.7 V
–63
–40
dB
VDD = 2.5 V, VIC = 0.5 V to 1.7 V
–63
–40
Low-output swing
RL = 8 Ω, VIN+ = VDD, Gain = 1
V/V, VIN− = 0 V or VIN+ = 0 V,
VIN− = VDD
VDD = 5.5 V
0.45
V
VDD = 3.6 V
0.37
VDD = 2.5 V
0.26
0.4
High-output swing
RL = 8 Ω, VIN+ = VDD, Gain = 1
V/V, = 0 V or VIN− = VDD
VIN
− VIN+ = 0 V
VDD = 5.5 V
4.95
V
VDD = 3.6 V
3.18
VDD = 2.5 V
2
2.13
| IIH |
High-level input current,
SHUTDOWN
VDD = 5.5 V, VI = 5.8 V
58
100
µA
| IIL |
Low-level input current,
SHUTDOWN
VDD = 5.5 V, VI = −0.3 V
3
100
µA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
4
6
mA
I(SD)
Supply current
V(SHUTDOWN)
≤ 0.5 V, VDD = 2.5 V to 5.5 V,
RL = 8 Ω
0.01
1
µA
Gain
RL = 8 Ω
38 k
Ω / RI
40 k
Ω / RI
42 k
Ω / RI
V/V
Resistance from shutdown to GND
100
k
Ω


Numéro de pièce similaire - TPA6204A1DRB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBG4 TI-TPA6204A1DRBG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBR TI-TPA6204A1DRBR Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRBRG4 TI-TPA6204A1DRBRG4 Datasheet
526Kb / 18P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6204A1DRB

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1_15 Datasheet
834Kb / 20P
[Old version datasheet]   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_15 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com