Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39115J14R Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce LD39115J14R
Description  150 mA guaranteed output current
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39115J14R Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button LD39115J14R Datasheet HTML 6Page - STMicroelectronics LD39115J14R Datasheet HTML 7Page - STMicroelectronics LD39115J14R Datasheet HTML 8Page - STMicroelectronics LD39115J14R Datasheet HTML 9Page - STMicroelectronics LD39115J14R Datasheet HTML 10Page - STMicroelectronics LD39115J14R Datasheet HTML 11Page - STMicroelectronics LD39115J14R Datasheet HTML 12Page - STMicroelectronics LD39115J14R Datasheet HTML 13Page - STMicroelectronics LD39115J14R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Typical performance characteristics
LD39115J
10/21
DocID15527 Rev 6
Figure 10. Dropout voltage vs. output current
Figure 11. Output voltage vs. input voltage
(VOUT = 1.3 V)
Figure 12. Output voltage vs. input voltage
(VOUT = 2.8 V)
Figure 13. Enable threshold vs. temperature
Figure 14. Quiescent current vs. temperature
(VOUT = 1.2 V, IOUT = 0 mA)
Figure 15. Quiescent current vs. temperature
(VOUT = 1.2 V, IOUT = 0.15 A)
V
OUT = 2.8 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
V
OUT = 2.8 V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
0.05
0.1
0.15
0.2
0.25
I
OUT [A]
V
OUT = 1.3 V
I
OUT = 0.15 A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
34
56
V
IN [V]
125
85
55
25
0
-25
-40
V
OUT = 1.3 V
I
OUT = 0.15 A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
34
56
V
IN [V]
125
85
55
25
0
-25
-40
V
OUT = 2.8 V
I
OUT = 0.15 A
0
0.5
1
1.5
2
2.5
3
012
3456
VIN [V]
125
85
55
25
0
-25
-40
V
OUT = 2.8 V
I
OUT = 0.15 A
0
0.5
1
1.5
2
2.5
3
012
3456
VIN [V]
125
85
55
25
0
-25
-40
V
IN = 2.2 V, IOUT = 1 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
IN = 2.2 V, IOUT = 1 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.2 V
V
IN = 2.2 V, No Load
0
5
10
15
20
25
30
35
40
45
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.2 V
V
IN = 2.2 V, No Load
0
5
10
15
20
25
30
35
40
45
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.2 V
V
IN = 2.2 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]
V
OUT = 1.2 V
V
IN = 2.2 V, IOUT = 0.15 A
0
10
20
30
40
50
60
70
-75
-50 -25
0
25
50
75
100 125 150 175
TEMPERATURE [°C]


Numéro de pièce similaire - LD39115J14R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39115J10R STMICROELECTRONICS-LD39115J10R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39115J12R STMICROELECTRONICS-LD39115J12R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39115J15R STMICROELECTRONICS-LD39115J15R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39115J18R STMICROELECTRONICS-LD39115J18R Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39115J18R STMICROELECTRONICS-LD39115J18R Datasheet
3Mb / 5P
   SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
More results

Description similaire - LD39115J14R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
logo
Exar Corporation
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
logo
Advanced Power Electron...
APE8862 A-POWER-APE8862_14 Datasheet
516Kb / 9P
   Guaranteed 600mA Output Current
logo
Texas Instruments
LP2989IM-3.3 TI-LP2989IM-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra low dropout voltage, Guaranteed 500 mA continuous output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Maxim Integrated Produc...
MAX662 MAXIM-MAX662 Datasheet
346Kb / 8P
   Guaranteed 30mA Output
1992
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
Toshiba Semiconductor
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com