Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TEA7092 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 4Page - STMicroelectronics TEA7092 Datasheet HTML 5Page - STMicroelectronics TEA7092 Datasheet HTML 6Page - STMicroelectronics TEA7092 Datasheet HTML 7Page - STMicroelectronics TEA7092 Datasheet HTML 8Page - STMicroelectronics TEA7092 Datasheet HTML 9Page - STMicroelectronics TEA7092 Datasheet HTML 10Page - STMicroelectronics TEA7092 Datasheet HTML 11Page - STMicroelectronics TEA7092 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
kVLacpeak
28
SOFTL
R1
26
V
CC
10
µA
kVLdc
2.5V
27
TSOFT
R4
C3
25
V
REF
20
µA20µA
23
MIC1
24
MIC2
25
V
REF
20k
20k
2k
18k
22
HFIN
0dB
0dB
1k
0dB
9k
EARCMF
42
DTMF2
10k
7
DTMF1
I
DTMF
Microphone
Choice
To Anti-acoustic
Feedback
AGC
0 to -6dB
From Anti-acoustic
Feedback (-9dB)
Mute
45k
V
REF
5k
I
L/85
From
DC Path
12
21
25
V
REF
GTR
R8
LOUDSPEAKER
POWER SUPPLY
Mirror 1/40
ITX/41
1
V
LS
C1
+
ITX
3
V
L
ZB =
ZT//CR1//ZL
R1 =
5
4
x R12 -
(Vacpeak + 0.6)
40E-6
Gtl =
V
MIC1 (Pin 23) - VMIC2 (Pin 24)
= 20 log (820 x
)
ZB
R8//50k
V
L (Pin 3)
8k
Figure 5 :
TSOFT (Pin 27) : Transmit Softclipping Time Constant
SOFTL (Pin 28) : Maximum AC Signal (Softclipping Threshold)
MIC1/MIC2 (Pin 23/24) : Microphone Inputs
HFIN (Pin 22) : Handsfree Microphone Input
DTMF1 (Pin 7) : DTMF Input and Filter
DTMF2 (Pin 42) : DTMF Filter
GTR (Pin 21) : Transmit Gain Adjustment
I - TEA7092 GENERAL INFORMATION (continued)
I.4 - Input / Output Configurations (continued)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
8/57


Numéro de pièce similaire - TEA7092

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQ STMICROELECTRONICS-TEA7092TQ Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7092TQT STMICROELECTRONICS-TEA7092TQT Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
More results

Description similaire - TEA7092

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCM1705A TI-TCM1705A Datasheet
551Kb / 12P
[Old version datasheet]   TCM1705A INTEGRATED SPEECH CIRCUIT FOR TELEPHONE SET
logo
NTE Electronics
NTE1648 NTE-NTE1648 Datasheet
27Kb / 3P
   Integrated Circuit Telephone Tone Ringer
NTE1690 NTE-NTE1690 Datasheet
31Kb / 4P
   Integrated Circuit Telephone DTMF Dialer
NTE1693 NTE-NTE1693 Datasheet
25Kb / 3P
   Integrated Circuit Telephone Pulse Dialer (CMOS)
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
logo
NTE Electronics
NTE1691 NTE-NTE1691 Datasheet
28Kb / 3P
   Integrated Circuit Telephone Pulse Dialer w/Redial
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
logo
Sanyo Semicon Device
LA8517M SANYO-LA8517M Datasheet
504Kb / 21P
   Audio Signal Processing Circuit for Cordless Telephone Base Set Applications
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
logo
Rohm
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
   Tone ringer IC for telephone set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com