Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MET244AFK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7MET244AFK
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MET244AFK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7MET244AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 6Page - Toshiba Semiconductor TC7MET244AFK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7MET240,244AFK
2001-09-12
1
TOSHIBA CMOS Didital Integrated Circuit
Silicon Monolithic
TC7MET240AFK,TC7MET244AFK
Octal Bus Buffer
TC7MET240AFK Inverted, 3-State Outputs
TC7MET244AFK Non-Inverted, 3-State Outputs
The TC7MET240AFK and 244AFK are advanced high speed
CMOS octal bus buffers fabricated with silicon gate C2MOS
technology. They achieve the high speed operation similar to
equivalent bipolar schottky TTL while maintaining the CMOS
low power dissipation.
The TC7MET240AFK is an inverting 3-state buffer having two
active-low output enables. TC7MET244AFK is a non-inverting
3-state buffer, and has two active-low output enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
The input voltage are compatible with TTL output voltage.
These devices may be used as a level converter for interfacing 3.3 V to 5 V system.
Input protection and output circuit ensure that 0 to 5.5 V can be applied to the input and output (*) pins without
regard to the supply voltage. These structure prevents device destruction due to mismatched supply and
input/output voltages such as battery back up, hot board insertion, etc.
*: output in off-state
Features
· High speed: tpd = 5.6 ns (typ.) (VCC = 5 V)
· Low power dissipation: ICC = 4 µA (max) (Ta = 25°C)
· Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
· Power down protection is provided on all inputs and outputs.
· Balanced propagation delays: tpLH ≈ tpHL
· Low noise: VOLP = 1.0 V (max)
· Pin and function compatible with the 74 series (74AC/HC/F/ALS/LS etc.) 240/244 type.
Weight: 0.03 g (typ.)


Numéro de pièce similaire - TC7MET244AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MET244AFK TOSHIBA-TC7MET244AFK Datasheet
189Kb / 7P
   Inverted, 3-State Outputs
More results

Description similaire - TC7MET244AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com