Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP102AIDRLRG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP102AIDRLRG4
Description  Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP102AIDRLRG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TMP102AIDRLRG4 Datasheet HTML 1Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 2Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 3Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 4Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 5Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 6Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 7Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 8Page - Texas Instruments TMP102AIDRLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TMP102
www.ti.com
SBOS397F – AUGUST 2007 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C and VS = 1.4 to 3.6 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Operating supply range
+1.4
+3.6
V
Serial bus inactive, CR1 = 1, CR0 =
7
10
0 (default)
Serial bus active, SCL frequency =
IQ
Average quiescent current
15
μA
400 kHz
Serial bus active, SCL frequency =
85
3.4 MHz
Serial bus inactive
0.5
1
Serial bus active, SCL frequency =
10
ISD
Shutdown current
400 kHz
μA
Serial bus active, SCL frequency =
80
3.4 MHz
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C
6.6 Timing Requirements
See the Timing Diagrams section for additional information.
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ƒ(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.85
MHz
Bus-free time between STOP and
t(BUF)
600
160
ns
START condition
Hold time after repeated START
condition.
t(HDSTA)
600
160
ns
After this period, the first clock is
generated.
See Figure 7
t(SUSTA)
repeated start condition setup time
600
160
ns
t(SUSTO) STOP condition setup time
600
160
ns
t(HDDAT) Data hold time
100
900
25
105
ns
t(SUDAT)
Data setup time
100
25
ns
t(LOW)
SCL-clock low period
V+ , see Figure 7
1300
210
ns
t(HIGH)
SCL-clock high period
See Figure 7
600
60
ns
tFD
Data fall time
See Figure 7
300
80
ns
See Figure 7
300
ns
tRD
Data rise time
SCLK
≤ 100 kHz,
1000
ns
see Figure 7
tFC
Clock fall time
See Figure 7
300
40
ns
tRC
Clock rise time
See Figure 7
300
40
ns
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP102


Numéro de pièce similaire - TMP102AIDRLRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI-TMP102AIDRLRG4 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102AIDRLRG4 TI1-TMP102AIDRLRG4 Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
More results

Description similaire - TMP102AIDRLRG4

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI-TMP102_13 Datasheet
888Kb / 22P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com