Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA8132AF Fiches technique(PDF) 10 Page - Toshiba Semiconductor

No de pièce TA8132AF
Description  3V AM / FM IF MPX (For Digital Tuning System)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8132AF Fiches technique(HTML) 10 Page - Toshiba Semiconductor

Back Button TA8132AF Datasheet HTML 6Page - Toshiba Semiconductor TA8132AF Datasheet HTML 7Page - Toshiba Semiconductor TA8132AF Datasheet HTML 8Page - Toshiba Semiconductor TA8132AF Datasheet HTML 9Page - Toshiba Semiconductor TA8132AF Datasheet HTML 10Page - Toshiba Semiconductor TA8132AF Datasheet HTML 11Page - Toshiba Semiconductor TA8132AF Datasheet HTML 12Page - Toshiba Semiconductor TA8132AF Datasheet HTML 13Page - Toshiba Semiconductor TA8132AF Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TA8132AN / AF , TA2012N / F
2002-10-30
10
8. FM / AM switch and forced monaural switch
FM / AM switch over and stere / forced monaural switch over are done by
internal PNP transistors ON / OFF which are connected to pin(16) and pin
(17) respectively.
The threshold voltages of these PNP transistors are Vth = VCC, and for
switching, we recommend to use mechanical switch.
(Direct short to VCC line.)
In the case of the electrical switch over by transistor, set up VCE
(saturation voltage between collector and emitter) 50mV or less, otherwise
there are some cases that it does not become the AM mode and force
monaural mode.
When these external switches are ON, the currents which flow into pin(16)
and pin(17) are 100µA and 20µA respectively. (Typical value at VCC = 3V)
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
8
V
LED current
ILED
10
mA
LED voltage
VLED
8
V
TA8132AN
1200
Power dissipation
TA8132AF
PD (Note)
400
mW
Operating Temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
(Note): Derated above 25°C in the proportion of 9.6mW / °C for TA8132AN, TA2012N and
of 3.2mW / °C for TA8132AF, TA2012F.


Numéro de pièce similaire - TA8132AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8132AF TOSHIBA-TA8132AF Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
More results

Description similaire - TA8132AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
   3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
KEC(Korea Electronics)
KIA2057N KEC-KIA2057N Datasheet
170Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM/FM IF MPX FOR DIGITAL TUNING SYSTEM)
logo
Toshiba Semiconductor
TA2057N TOSHIBA-TA2057N Datasheet
602Kb / 18P
   AM/FM IFFM ST DET (FOR DIGITAL TUNING SYSTEM)
TA2099N TOSHIBA-TA2099N Datasheet
697Kb / 19P
   AM/FM IFFM STEREO DETECTOR (FOR DIGITAL TUNING SYSTEM)
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com