Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7195BCPZ Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD7195BCPZ
Description  4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7195BCPZ Fiches technique(HTML) 4 Page - Analog Devices

  AD7195BCPZ Datasheet HTML 1Page - Analog Devices AD7195BCPZ Datasheet HTML 2Page - Analog Devices AD7195BCPZ Datasheet HTML 3Page - Analog Devices AD7195BCPZ Datasheet HTML 4Page - Analog Devices AD7195BCPZ Datasheet HTML 5Page - Analog Devices AD7195BCPZ Datasheet HTML 6Page - Analog Devices AD7195BCPZ Datasheet HTML 7Page - Analog Devices AD7195BCPZ Datasheet HTML 8Page - Analog Devices AD7195BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD7195
Rev. 0 | Page 3 of 44
SPECIFICATIONS
AVDD = 4.75 V to 5.25 V, DVDD = 2.7 V to 5.25 V, AGND = DGND = 0 V; REFIN(+) = AVDD, REFIN(−) = AGND, MCLK = 4.92 MHz,
TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
ADC
Output Data Rate
4.7
4800
Hz
Chop disabled
1.17
1200
Hz
Chop enabled, sinc4 filter
1.56
1600
Hz
Chop enabled, sinc3 filter
No Missing Codes2
24
Bits
FS > 1, sinc4 filter3
24
Bits
FS > 4, sinc3 filter3
Resolution
See the RMS Noise and Resolution section
RMS Noise and Output
Data Rates
See the RMS Noise and Resolution section
Integral Nonlinearity
Gain = 12
±1
±5
ppm of FSR
Gain > 1
±5
±15
ppm of FSR
Offset Error4, 5
±75/gain
μV
Chop disabled
±0.5
μV
Chop enabled
Offset Error Drift vs.
Temperature
±100/gain
nV/°C
Gain = 1 to 16; chop disabled
±5
nV/°C
Gain = 32 to 128; chop disabled
±5
nV/°C
Chop enabled
Offset Error Drift vs. Time
25
nV/1000
hours
Gain > 32
Gain Error4
±0.001
±0.005
% max
AVDD = 5 V, gain = 1, TA = 25°C (factory calibration
conditions)
±0.006
%
Gain > 1, post internal full-scale calibration
Gain Drift vs. Temperature
±1
ppm/°C
Gain Drift vs. Time
10
ppm/1000
hours
Gain = 1
Power Supply Rejection
95
dB
Gain = 1, VIN = 1 V
98
103
Gain = 8, VIN = 1 V/gain
100
110
dB
Gain > 8, VIN = 1 V/gain
Common-Mode Rejection
@ DC2
100
115
dB min
Gain = 1, VIN = 1 V
@ DC
115
140
dB min
Gain > 1, VIN = 1 V/gain
@ 50 Hz, 60 Hz2
120
dB
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
@ 50 Hz, 60 Hz2
120
dB
50 ± 1 Hz (50 Hz output data rate), 60 ± 1 Hz
(60 Hz output data rate)
Normal Mode Rejection2
Sinc4 Filter
Internal Clock
@ 50 Hz, 60 Hz
100
dB
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
74
dB
50 Hz output data rate, REJ606 = 1, 50 ± 1 Hz, 60 ± 1
Hz
@ 50 Hz
96
dB
50 Hz output data rate, 50 ± 1 Hz
@ 60 Hz
97
dB
60 Hz output data rate, 60 ± 1 Hz
External Clock
@ 50 Hz, 60 Hz
120
dB
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
82
dB
50 Hz output data rate, REJ606 = 1, 50 ± 1 Hz, 60 ± 1 Hz
@ 50 Hz
120
dB
50 Hz output data rate, 50 ± 1 Hz
@ 60 Hz
120
dB
60 Hz output data rate, 60 ± 1 Hz
Sinc3 Filter
Internal Clock
@ 50 Hz, 60 Hz
75
dB
10 Hz output data rate, 50 ± 1 Hz, 60 ± 1 Hz
60
dB
50 Hz output data rate, REJ606 = 1, 50 ± 1 Hz, 60 ± 1 Hz
@ 50 Hz
70
dB
50 Hz output data rate, 50 ± 1 Hz
@ 60 Hz
70
dB
60 Hz output data rate, 60 ± 1 Hz


Numéro de pièce similaire - AD7195BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7195BCPZ AD-AD7195BCPZ Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ AD-AD7195BCPZ Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7195BCPZ-RL AD-AD7195BCPZ-RL Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7195BCPZ-RL7 AD-AD7195BCPZ-RL7 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
More results

Description similaire - AD7195BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_17 Datasheet
679Kb / 41P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7195 AD-AD7195_17 Datasheet
1,010Kb / 45P
   Sigma-Delta ADC with PGA and AC Excitation
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com