Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA0102A Fiches technique(PDF) 11 Page - Tripath Technology Inc.

No de pièce TA0102A
Description  STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRIPATH [Tripath Technology Inc.]
Site Internet  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA0102A Fiches technique(HTML) 11 Page - Tripath Technology Inc.

Back Button TA0102A Datasheet HTML 4Page - Tripath Technology Inc. TA0102A Datasheet HTML 5Page - Tripath Technology Inc. TA0102A Datasheet HTML 6Page - Tripath Technology Inc. TA0102A Datasheet HTML 7Page - Tripath Technology Inc. TA0102A Datasheet HTML 8Page - Tripath Technology Inc. TA0102A Datasheet HTML 9Page - Tripath Technology Inc. TA0102A Datasheet HTML 10Page - Tripath Technology Inc. TA0102A Datasheet HTML 11Page - Tripath Technology Inc. TA0102A Datasheet HTML 12Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Tripath Technology, Inc. - Technical Information
11
TA0102A, Rev. 3.1/06.01
Application Information
Amplifier Gain and Input Resistor Selection
The value of the input resistor, RIN, is based on the required voltage gain, AV, of the amplifier
according to:
AV = 387 x10
3/(R
IN + 5000)
where RIN = Input resistor value in ohms.
Input Capacitor Selection
CIN can be calculated once a value for RIN has been determined. CIN and RIN determine the input
low-frequency pole. Typically this pole is set at 10Hz. CIN is calculated according to:
CIN = 1/((2π x fP)(RIN + 5000))
where:
RIN = Input resistor value in ohms.
fP = Input low frequency pole (typically 10Hz).
DC Offset Adjust
While the DC offset voltages that appear at the speaker terminals of a TA0102A amplifier are
typically small, Tripath recommends that any offsets during operation be nulled out of the amplifier
with a circuit like the one shown connected to IN1 and IN2 in the Test/Application Circuit. Nulling
should be performed with the inputs shorted to ground.
It should be noted that even after nulling, the DC voltage on the output of a TA0102A amplifier with
no load in mute mode is approximately 2.5V. This offset does not need to be nulled. The output
impedance of the amplifier in mute mode is approximately 10 KOhms. This means that the 2.5V
drops to essentially zero when a typical load is connected.
Supply Voltage and Output Power
The relationship between the bipolar power supply voltage needed, VS, for a given RMS output
power, POUT, into a given load, RL, at a given level of THD (total harmonic distortion) is approximated
by:
VS = (2 x RL x POUT)
0.5/(K x R
L/(RL + RON + RS + RCOIL))
where:
RON = The at-temperature RDSON of the output transistors, M.
RCOIL = Resistance of the output filter inductor.
RS = Sense Resistor
K = THD Factor, a number fixed by the algorithms in the TA0102A’s signal processor that
provides the relationship between THD at full output power of the amplifier and VS. K
corresponds to THD at full output power as follows:
THD
K
0.1%
0.83
1%
0.95
10%
1.09
Typical measurement graphs of POUT versus supply voltage for various levels of THD are also
included in this data sheet to help determine the supply voltage.


Numéro de pièce similaire - TA0102A

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
TA010-180-30-15 TRANSCOM-TA010-180-30-15 Datasheet
31Kb / 1P
   1 - 18 GHz 16 dBm Amplifier
logo
Tripath Technology Inc.
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
More results

Description similaire - TA0102A

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2041A TRIPATH-TA2041A Datasheet
330Kb / 19P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com