Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148WT Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce 1N4148WT
Description  High Speed Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4148WT Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4148WT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4148WT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4148WT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N4148WT Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
High Speed Switching Diode
1N4148WT
H019
www.gmicroelec.com
Rev.A
1
FEATURES
Fast switching speed.
Ultra-small surface mount package.
For general purpose switching application.
High conductance.
Lead free product.
APPLICATIONS
SOD-523
High-speed switching in surface mounted circuits.
ORDERING INFORMATION
Type No.
Marking
Package Code
1N4148WT
T4
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive peak reverse voltage
VRM
100
V
Reverse voltage
VR
80
V
RMS Reverse voltage
VR(RMS)
80
V
Average rectified output current
IO
125
mA
Non-Repetitive peak forward surge current
t=1.0μs
t=100ms
IFSM
2.0
1.0
A
Total power dissipation
Ptot
150
mW
Thermal resistance junction to ambient air
RθJA
833
℃/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free


Numéro de pièce similaire - 1N4148WT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
1N4148WT DIODES-1N4148WT Datasheet
65Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30396 Rev. 6 - 2
logo
Sangdest Microelectroni...
1N4148WT SMC-1N4148WT Datasheet
131Kb / 4P
   FAST SWITCHING DIODE
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
   Small-Signal Fast Switching Diodes
logo
Fairchild Semiconductor
1N4148WT FAIRCHILD-1N4148WT Datasheet
134Kb / 6P
   High Conductance Fast Switching Diode
logo
Jiangsu Changjiang Elec...
1N4148WT JIANGSU-1N4148WT Datasheet
681Kb / 4P
   FAST SWITCHING DIODE
More results

Description similaire - 1N4148WT

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com