Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W947D6HBHX6E-TR Fiches technique(PDF) 40 Page - Winbond

No de pièce W947D6HBHX6E-TR
Description  128Mb Mobile LPDDR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W947D6HBHX6E-TR Fiches technique(HTML) 40 Page - Winbond

Back Button W947D6HBHX6E-TR Datasheet HTML 36Page - Winbond W947D6HBHX6E-TR Datasheet HTML 37Page - Winbond W947D6HBHX6E-TR Datasheet HTML 38Page - Winbond W947D6HBHX6E-TR Datasheet HTML 39Page - Winbond W947D6HBHX6E-TR Datasheet HTML 40Page - Winbond W947D6HBHX6E-TR Datasheet HTML 41Page - Winbond W947D6HBHX6E-TR Datasheet HTML 42Page - Winbond W947D6HBHX6E-TR Datasheet HTML 43Page - Winbond W947D6HBHX6E-TR Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
W947D6HB / W947D2HB
128Mb Mobile LPDDR
Publication Release Date:Jun,17, 2011
- 40 -
Revision A01-003
7.7.1 Precharge Command
= Don't Care
(High)
CK
CK
CKE
CS
RAS
CAS
WE
Address
BA=BANK Address
(if A10 = L,otherwise Don't Care)
BA
BA0,BA1
A10
All Banks
One Bank
7.8 Auto Precharge
Auto Precharge is a feature which performs the same individual bank precharge function as described above, but
without requiring an explicit command. This is accomplished by using A10 (A10 = High), to enable Auto Precharge in
conjunction with a specific READ or WRITE command. A precharge of the bank / row that is addressed with the
READ or WRITE command is automatically performed upon completion of the read or write burst. Auto Precharge is
non persistent in that it is either enabled or disabled for each individual READ or WRITE command.
Auto Precharge ensures that a precharge is initiated at the earliest valid stage within a burst. The user must not
issue another command to the same bank until the precharing time (tRP) is completed. This is determined as if an
explicit PRECHARGE command was issued at the earliest possible time, as described for each burst type in the
Operation section of this specification.
7.9 Refresh Requirements
LPDDR SDRAM devices require a refresh of all rows in any rolling 64ms interval. Each refresh is generated in one of
two ways: by an explicit AUTO REFRESH command, or by an internally timed event in SELF REFRESH mode.
Dividing the number of device rows into the rolling 64ms interval defines the average refresh interval (tREFI), which is
a guideline to controllers for distributed refresh timing.
7.10 Auto Refresh
AUTO REFRESH command is used during normal operation of the LPDDR SDRAM. This command is non
persistent, so it must be issued each time a refresh is required.
The refresh addressing is generated by the internal refresh controller. The LPDDR SDRAM requires AUTO
REFRESH commands at an average periodic interval of tREFI.


Numéro de pièce similaire - W947D6HBHX6E-TR

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W947D6HBHX6E WINBOND-W947D6HBHX6E Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
More results

Description similaire - W947D6HBHX6E-TR

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W948D6FBHX5E-TR WINBOND-W948D6FBHX5E-TR Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB Datasheet
1Mb / 60P
   256Mb Mobile LPDDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
W948D6FB WINBOND-W948D6FB_12 Datasheet
969Kb / 60P
   256Mb Mobile LPDDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
logo
Integrated Silicon Solu...
IS42SM81600E ISSI-IS42SM81600E Datasheet
418Kb / 25P
   128Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com