Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW60H60DLFB Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STGW60H60DLFB
Description  Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW60H60DLFB Fiches technique(HTML) 2 Page - STMicroelectronics

  STGW60H60DLFB Datasheet HTML 1Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 2Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 3Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 4Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 5Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 6Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 7Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 8Page - STMicroelectronics STGW60H60DLFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Contents
STGW60H60DLFB, STGWT60H60DLFB
2/17
DocID024403 Rev 3
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuits
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


Numéro de pièce similaire - STGW60H60DLFB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW60H65DF STMICROELECTRONICS-STGW60H65DF Datasheet
1Mb / 13P
   60 A, 650 V field stop trench gate IGBT with very fast diode
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
1Mb / 19P
   Low thermal resistance
April 2015 Rev 7
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
More results

Description similaire - STGW60H60DLFB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
March 2014 Rev 4
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
STGW60V60DF STMICROELECTRONICS-STGW60V60DF_V01 Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
September 2016
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com