Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW35NC60WD Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STGW35NC60WD
Description  40 A, 600 V ultra fast IGBT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW35NC60WD Fiches technique(HTML) 4 Page - STMicroelectronics

  STGW35NC60WD Datasheet HTML 1Page - STMicroelectronics STGW35NC60WD Datasheet HTML 2Page - STMicroelectronics STGW35NC60WD Datasheet HTML 3Page - STMicroelectronics STGW35NC60WD Datasheet HTML 4Page - STMicroelectronics STGW35NC60WD Datasheet HTML 5Page - STMicroelectronics STGW35NC60WD Datasheet HTML 6Page - STMicroelectronics STGW35NC60WD Datasheet HTML 7Page - STMicroelectronics STGW35NC60WD Datasheet HTML 8Page - STMicroelectronics STGW35NC60WD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STGW35NC60WD
4/14
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 20 A
VGE = 15 V, IC = 20 A,TC= 125 °C
2.2
1.8
2.6
V
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TC = 125 °C
250
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
± 100
nA
gfs
Forward transconductance
VCE = 15 V, IC = 20 A
15
S
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
2080
175
52
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 20 A,
VGE = 15 V,
(see Figure 18)
102
17.5
47
140
nC
nC
nC


Numéro de pièce similaire - STGW35NC60WD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW35NC120HD STMICROELECTRONICS-STGW35NC120HD Datasheet
355Kb / 13P
   35 A - 1200 V - very fast IGBT
More results

Description similaire - STGW35NC60WD

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGW40NC60W STMICROELECTRONICS-STGW40NC60W Datasheet
338Kb / 13P
   40 A - 600 V - ultra fast IGBT
July 2008 Rev 1
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
   40 A - 600 V - very fast IGBT
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
STGW35HF60WD STMICROELECTRONICS-STGW35HF60WD Datasheet
455Kb / 12P
   35 A, 600 V ultra fast IGBT
STGB30NC60W STMICROELECTRONICS-STGB30NC60W Datasheet
461Kb / 16P
   30 A - 600 V - ultra fast IGBT
STGW30NC60WD STMICROELECTRONICS-STGW30NC60WD_V01 Datasheet
545Kb / 14P
   30 A, 600 V ultra fast IGBT
Rev 5 November 2008
STGW45HF60WD STMICROELECTRONICS-STGW45HF60WD Datasheet
468Kb / 12P
   45 A, 600 V ultra fast IGBT
April 2010 Rev 3
STGW45NC60WD STMICROELECTRONICS-STGW45NC60WD Datasheet
336Kb / 14P
   45 A - 600 V ultra fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com