Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW30H60DFB Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STGW30H60DFB
Description  Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30H60DFB Fiches technique(HTML) 5 Page - STMicroelectronics

  STGW30H60DFB Datasheet HTML 1Page - STMicroelectronics STGW30H60DFB Datasheet HTML 2Page - STMicroelectronics STGW30H60DFB Datasheet HTML 3Page - STMicroelectronics STGW30H60DFB Datasheet HTML 4Page - STMicroelectronics STGW30H60DFB Datasheet HTML 5Page - STMicroelectronics STGW30H60DFB Datasheet HTML 6Page - STMicroelectronics STGW30H60DFB Datasheet HTML 7Page - STMicroelectronics STGW30H60DFB Datasheet HTML 8Page - STMicroelectronics STGW30H60DFB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID026676 Rev 3
5/20
STGW30H60DFB, STGWA30H60DFB, STGWT30H60DFB
Electrical characteristics
Table 6. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V,
see Figure 28
-37
-
ns
tr
Current rise time
-
14.6
-
ns
(di/dt)on
Turn-on current slope
-
1643
-
A/µs
td(off)
Turn-off delay time
146
-
ns
tf
Current fall time
-
23
-
ns
Eon
(1)
1.
Including the reverse recovery of the diode.
Turn-on switching energy
-
383
-
µJ
Eoff
(2)
2.
Including the tail of the collector current.
Turn-off switching energy
-
293
-
µJ
Ets
Total switching energy
-
676
-
µJ
td(on)
Turn-on delay time
VCE = 400 V, IC = 30 A,
RG = 10 Ω, VGE = 15 V,
TJ = 175 °C, see Figure 28
-35
-
ns
tr
Current rise time
-
16.1
-
ns
(di/dt)on
Turn-on current slope
-
1496
-
A/µs
td(off)
Turn-off delay time
-
158
-
ns
tf
Current fall time
-
65
-
ns
Eon
(1)
Turn-on switching energy
-
794
-
µJ
Eoff
(2)
Turn-off switching energy
-
572
-
µJ
Ets
Total switching energy
-
1366
-
µJ
Table 7. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 30 A, VR = 400 V,
di/dt=1000 A/µs
,
VGE = 15 V,
(see Figure 28)
-53
-
ns
Qrr
Reverse recovery charge
-
384
-
nC
Irrm
Reverse recovery current
-
14.5
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
788
-
A/µs
Err
Reverse recovery energy
-
104
-
µJ
trr
Reverse recovery time
IF = 30 A, VR = 400 V,
di/dt=1000 A/µs
,
VGE = 15 V,
TJ = 175 °C, (see Figure 28)
-
104
-
ns
Qrr
Reverse recovery charge
-
1352
-
nC
Irrm
Reverse recovery current
-
26
-
A
dIrr/ /dt
Peak rate of fall of reverse
recovery current during tb
-
310
-
A/µs
Err
Reverse recovery energy
-
407
-
µJ


Numéro de pièce similaire - STGW30H60DFB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW30H60DF STMICROELECTRONICS-STGW30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
More results

Description similaire - STGW30H60DFB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
STGB30H60DLFB STMICROELECTRONICS-STGB30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
STGW40H60DLFB STMICROELECTRONICS-STGW40H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 40 A high speed
March 2014 Rev 4
STGB30H60DLLFBAG STMICROELECTRONICS-STGB30H60DLLFBAG Datasheet
1,009Kb / 17P
   Automotive-grade trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2016 Rev 1
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGFW30H65FB STMICROELECTRONICS-STGFW30H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
July 2015 Rev 5
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
April 2014 Rev 4
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
   Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
March 2014 Rev 1
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com