Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW20H60DF Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STGW20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW20H60DF Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STGW20H60DF Datasheet HTML 2Page - STMicroelectronics STGW20H60DF Datasheet HTML 3Page - STMicroelectronics STGW20H60DF Datasheet HTML 4Page - STMicroelectronics STGW20H60DF Datasheet HTML 5Page - STMicroelectronics STGW20H60DF Datasheet HTML 6Page - STMicroelectronics STGW20H60DF Datasheet HTML 7Page - STMicroelectronics STGW20H60DF Datasheet HTML 8Page - STMicroelectronics STGW20H60DF Datasheet HTML 9Page - STMicroelectronics STGW20H60DF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STGW20H60DF, STGWT20H60DF
6/17
DocID024745 Rev 1
Table 8. Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V
F
Forward on-voltage
I
F
= 20 A
I
F
= 20 A, T
J
= 175 °C
-
1.8
1.3
2.2
V
V
t
rr
Reverse recovery time
V
r
= 60 V; IF = 20 A;
di
F
/dt = 100 A / μs
-90
-
ns
Q
rr
Reverse recovery charge
110
nC
I
rrm
Reverse recovery current
2.4
A
t
rr
Reverse recovery time
V
r
= 60 V; IF = 20 A;
di
F
/dt = 100 A / μs
T
J
= 175 °C
-
180
-
ns
Q
rr
Reverse recovery charge
-
466
-
nC
I
rrm
Reverse recovery current
-
5.2
-
A


Numéro de pièce similaire - STGW20H60DF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW20H65FB STMICROELECTRONICS-STGW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
More results

Description similaire - STGW20H60DF

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
   600 V, 20 A high speed trench gate field-stop IGBT
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
   600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
   600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
   Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
February 2017 Rev 2
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
   Trench gate field-stop IGBT, H series 600 V, 5 A high speed
May 2015 Rev 3
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
   Trench gate field-stop IGBT, H series 600 V, 15 A high speed
February 2017
STGW60H60DLFB STMICROELECTRONICS-STGW60H60DLFB Datasheet
1Mb / 17P
   Trench gate field-stop IGBT, HB series 600 V, 60 A high speed
February 2014 Rev 3
STGB7H60DF STMICROELECTRONICS-STGB7H60DF Datasheet
985Kb / 25P
   Trench gate field-stop IGBT, H series 600 V, 7 A high speed
June 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com