Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGW30H65FB Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STGW30H65FB
Description  Trench gate field-stop IGBT, HB series 650 V, 30 A high speed
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW30H65FB Fiches technique(HTML) 4 Page - STMicroelectronics

  STGW30H65FB Datasheet HTML 1Page - STMicroelectronics STGW30H65FB Datasheet HTML 2Page - STMicroelectronics STGW30H65FB Datasheet HTML 3Page - STMicroelectronics STGW30H65FB Datasheet HTML 4Page - STMicroelectronics STGW30H65FB Datasheet HTML 5Page - STMicroelectronics STGW30H65FB Datasheet HTML 6Page - STMicroelectronics STGW30H65FB Datasheet HTML 7Page - STMicroelectronics STGW30H65FB Datasheet HTML 8Page - STMicroelectronics STGW30H65FB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STGFW30H65FB, STGW30H65FB, STGWT30H65FB
4/20
DocID025849 Rev 5
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 2 mA
650
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 30 A
1.55
2
V
VGE = 15 V, IC = 30 A
TJ = 125 °C
1.65
VGE = 15 V, IC = 30 A
TJ = 175 °C
1.75
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
5
6
7
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 650 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ± 20 V
250
nA
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-3659
-
pF
Coes
Output capacitance
-
101
-
pF
Cres
Reverse transfer
capacitance
-76
-
pF
Qg
Total gate charge
VCC = 520 V, IC = 30 A,
VGE = 15 V, see Figure 28
-149
-
nC
Qge
Gate-emitter charge
-
25
-
nC
Qgc
Gate-collector charge
-
62
-
nC


Numéro de pièce similaire - STGW30H65FB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGW30H60DF STMICROELECTRONICS-STGW30H60DF Datasheet
1Mb / 24P
   600 V, 30 A high speed trench gate field-stop IGBT
March 2013 Rev 3
STGW30H60DFB STMICROELECTRONICS-STGW30H60DFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
November 2016 Rev 3
STGW30H60DLFB STMICROELECTRONICS-STGW30H60DLFB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
July 2014 Rev 2
More results

Description similaire - STGW30H65FB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
   Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
August 2014 Rev 1
STGB40H65FB STMICROELECTRONICS-STGB40H65FB Datasheet
975Kb / 17P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
   Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGW40H65DFB-4 STMICROELECTRONICS-STGW40H65DFB-4 Datasheet
479Kb / 15P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
June 2019
STGW60H65DFB-4 STMICROELECTRONICS-STGW60H65DFB-4 Datasheet
556Kb / 15P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
DS11665 - Rev 3 - June 2019
STGFW40H65FB STMICROELECTRONICS-STGFW40H65FB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
March 2017 Rev 7
STGW40H65DFB STMICROELECTRONICS-STGW40H65DFB Datasheet
503Kb / 16P
   Trench gate field-stop 650 V, 40 A high speed HB series IGBT
DS9533 - Rev 9 - June 2019
STGW60H65DFB STMICROELECTRONICS-STGW60H65DFB_V01 Datasheet
689Kb / 21P
   Trench gate field-stop 650 V, 60 A high speed HB series IGBT
Rev 8 - July 2019
STGB30H60DFB STMICROELECTRONICS-STGB30H60DFB Datasheet
1Mb / 21P
   Trench gate field-stop IGBT, HB series 600 V, 30 A high speed
October 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com