Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVC8T245DGVR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVC8T245DGVR
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AVC8T245DGVR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AVC8T245DGVR Datasheet HTML 3Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 4Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 5Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 6Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 7Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 8Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 9Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 10Page - Texas Instruments SN74AVC8T245DGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
SN74AVC8T245
www.ti.com
SCES517J – DECEMBER 2003 – REVISED MARCH 2017
Product Folder Links: SN74AVC8T245
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
6.6 Switching Characteristics, VCCA = 1.2 V
over recommended operating free-air temperature range, VCCA = 1.2 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
TYP
TYP
tPLH, tPHL
A
B
VCCB = 1.2 V
3.1
3.1
ns
VCCB = 1.5 V
2.6
2.6
VCCB = 1.8 V
2.5
2.5
VCCB = 2.5 V
3
3
VCCB = 3.3 V
3.5
3.5
tPLH, tPHL
B
A
VCCB = 1.2 V
3.1
3.1
ns
VCCB = 1.5 V
2.7
2.7
VCCB = 1.8 V
2.5
2.5
VCCB = 2.5 V
2.4
2.4
VCCB = 3.3 V
2.3
2.3
tPZH, tPZL
OE
A
VCCB = 1.2 V
5.3
5.3
ns
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
tPZH, tPZL
OE
B
VCCB = 1.2 V
5.1
5.1
ns
VCCB = 1.5 V
4
4
VCCB = 1.8 V
3.5
3.5
VCCB = 2.5 V
3.2
3.2
VCCB = 3.3 V
3.1
3.1
tPHZ, tPLZ
OE
A
VCCB = 1.2 V
4.8
4.8
ns
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
tPHZ, tPLZ
OE
B
VCCB = 1.2 V
4.7
4.7
ns
VCCB = 1.5 V
4
4
VCCB = 1.8 V
4.1
4.1
VCCB = 2.5 V
4.3
4.3
VCCB = 3.3 V
5.1
5.1
6.7 Switching Characteristics, VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB
TA = –40°C to +85°C
TA = –40°C to +125°C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tPLH, tPHL
A
B
VCCB = 1.2 V
2.7
3.1
ns
VCCB = 1.5 V ± 0.1 V
0.5
5.4
0.5
14.7
VCCB = 1.8 V ± 0.15 V
0.5
4.6
0.5
13.3
VCCB = 2.5 V ± 0.2 V
0.5
4.9
0.5
13.9
VCCB = 3.3 V ± 0.3 V
0.5
6.8
0.5
17.2
tPLH, tPHL
B
A
VCCB = 1.2 V
2.6
3.1
ns
VCCB = 1.5 V ± 0.1 V
0.5
5.4
0.5
14.7
VCCB = 1.8 V ± 0.15 V
0.5
5.1
0.5
14.2
VCCB = 2.5 V ± 0.2 V
0.5
4.7
0.5
13.5
VCCB = 3.3 V ± 0.3 V
0.5
4.5
0.5
13.2


Numéro de pièce similaire - SN74AVC8T245DGVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
345Kb / 17P
[Old version datasheet]   8 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
201Kb / 13P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245DGVR TI-SN74AVC8T245DGVR Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Description similaire - SN74AVC8T245DGVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com