Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9986 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI9986
Description  Buffered H-Bridge
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9986 Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI9986 Datasheet HTML 1Page - Vishay Siliconix SI9986 Datasheet HTML 2Page - Vishay Siliconix SI9986 Datasheet HTML 3Page - Vishay Siliconix SI9986 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si9986
Vishay Siliconix
Document Number: 70007
S-40131—Rev. E, 16-Feb-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
−35
−20
−5
1025
4055
7085
Supply Current vs. Temperature
Temperature (_C)
VDD = 13.2 V
5.5 V
f = 100 kHz
60
80
100
120
140
160
180
200
−35
−20
−5
1025
4055
7085
Supply Current vs. Temperature
Temperature (_C)
VDD = 13.2 V
5.5 V
0
1
2
3
4
5
6
46
8
10
12
14
Supply Current vs. Supply Voltage
VDD − Supply Voltage (V)
f = 100 kHz
40
60
80
100
120
140
46
8
10
12
14
Supply Current vs. Supply Voltage
VDD − Supply Voltage (V)
0
100
200
300
400
500
600
700
0.50
0.75
1.00
1.25
1.50
0
3
6
9
12
15
0.50
0.75
1.00
1.25
1.50
Output High Voltage vs. Output Current
Output Low Voltage vs. Output Current
Output Current (A)
Output Current (A)
VDD = 13.2 V
VDD = 3.8 V
5.5 V
3.8 V
5.5 V
13.2 V


Numéro de pièce similaire - SI9986

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9986 VISHAY-SI9986 Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9986 VISHAY-SI9986 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9986CY VISHAY-SI9986CY Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9986CY VISHAY-SI9986CY Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9986CY-T1 VISHAY-SI9986CY-T1 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
More results

Description similaire - SI9986

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
   Buffered H-Bridge
Rev. B, 19-Apr-04
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
   Buffered H-Bridge
Rev. E, 16-Feb-04
SI9987DY-T1-E3 VISHAY-SI9987DY-T1-E3 Datasheet
153Kb / 7P
   Buffered H-Bridge
Rev. D, 16-Feb-04
SI9986 VISHAY-SI9986_07 Datasheet
125Kb / 6P
   Buffered H-Bridge
Rev. F, 22-Oct-07
SI9988 VISHAY-SI9988 Datasheet
35Kb / 5P
   Buffered H-Bridge
Rev. A, 09-Oct-00
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
   Buffered H-Bridge Driver with Integrate MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com