Moteur de recherche de fiches techniques de composants électroniques |
|
Si4721-B20-GM Fiches technique(PDF) 8 Page - Silicon Laboratories |
|
Si4721-B20-GM Fiches technique(HTML) 8 Page - Silicon Laboratories |
8 / 48 page Si4720/21-B20 8 Rev. 1.0 Table 5. 2-Wire Control Interface Characteristics1,2,3 (VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C) Parameter Symbol Test Condition Min Typ Max Unit SCLK Frequency fSCL 0— 400 kHz SCLK Low Time tLOW 1.3 — — µs SCLK High Time tHIGH 0.6 — — µs SCLK Input to SDIO Setup (START) tSU:STA 0.6 — — µs SCLK Input to SDIO Hold (START) t HD:STA 0.6 — — µs SDIO Input to SCLK Setup tSU:DAT 100 — — ns SDIO Input to SCLK Hold4,5 tHD:DAT 0— 900 ns SCLK input to SDIO Setup (STOP) t SU:STO 0.6 — — µs STOP to START Time tBUF 1.3 — — µs SDIO Output Fall Time tf:OUT —250 ns SDIO Input, SCLK Rise/Fall Time tf:IN tr:IN —300 ns SCLK, SDIO Capacitive Loading Cb —— 50 pF Input Filter Pulse Suppression tSP — — 50 ns Notes: 1. When VIO = 0 V, SCLK and SDIO are low-impedance. 2-wire control interface is I 2C compatible. 2. When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is high) does not occur within 300 ns before the rising edge of RST. 3. When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high until after the first start condition. 4. The Si4720/21 delays SDIO by a minimum of 300 ns from the VIH threshold of SCLK to comply with the minimum tHD:DAT specification. 5. The maximum tHD:DAT has only to be met when fSCL = 400 kHz. At frequencies below 400 KHz, tHD:DAT may be violated as long as all other timing parameters are met. 20 0.1 C b 1 pF ------------ + 20 0.1 C b 1 pF ------------ + |
Numéro de pièce similaire - Si4721-B20-GM |
|
Description similaire - Si4721-B20-GM |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |