Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STDA116GK12 Fiches technique(PDF) 4 Page - Sirectifier Semiconductors

No de pièce STDA116GK12
Description  Thyristor-Diode Common Anode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRECTIFIER [Sirectifier Semiconductors]
Site Internet  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STDA116GK12 Fiches technique(HTML) 4 Page - Sirectifier Semiconductors

  STDA116GK12 Datasheet HTML 1Page - Sirectifier Semiconductors STDA116GK12 Datasheet HTML 2Page - Sirectifier Semiconductors STDA116GK12 Datasheet HTML 3Page - Sirectifier Semiconductors STDA116GK12 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig. 7 Three phase AC-controller:
Power dissipation versus RMS
output current and ambient
temperature
Fig. 8 Transient thermal impedance
junction to case (per thyristor or
diode)
Fig. 9 Transient thermal impedance
junction to heatsink (per thyristor
or diode)
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.22
180oC
0.23
120oC
0.25
60oC
0.27
30oC
0.28
Constants for Z
thJC calculation:
iR
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.42
180oC
0.43
120oC
0.45
60oC
0.47
30oC
0.48
Constants for Z
thJK calculation:
iR
thi (K/W)
t
i (s)
1
0.0066
0.0019
2
0.0678
0.0477
3
0.1456
0.344
4
0.2
1.32
3 x STD
A116
STDA116GKXX
Thyristor-Diode Common Anode Modules
P4
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Numéro de pièce similaire - STDA116GK12

FabricantNo de pièceFiches techniqueDescription
logo
Vitec Power
STDA100 Vitec-STDA100 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S05 Vitec-STDA100-S05 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S05 Vitec-STDA100-S05 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S06 Vitec-STDA100-S06 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
STDA100-S06 Vitec-STDA100-S06 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
More results

Description similaire - STDA116GK12

FabricantNo de pièceFiches techniqueDescription
logo
Sirectifier Semiconduct...
STDA165GKXX SIRECTIFIER-STDA165GKXX Datasheet
367Kb / 4P
   Thyristor-Diode Common Anode Modules
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com