Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si1002-E-GM2 Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si1002-E-GM2
Description  MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Download  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1002-E-GM2 Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si1002-E-GM2 Datasheet HTML 3Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 4Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 5Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 6Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 7Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 8Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 9Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 10Page - Silicon Laboratories Si1002-E-GM2 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 382 page
background image
Rev. 1.3
7
Si1000/1/2/3/4/5
List of Figures
Figure 1.1. Si1000 Block Diagram ........................................................................... 18
Figure 1.2. Si1001 Block Diagram ........................................................................... 18
Figure 1.3. Si1002 Block Diagram ........................................................................... 19
Figure 1.4. Si1003 Block Diagram ........................................................................... 19
Figure 1.5. Si1004 Block Diagram ........................................................................... 20
Figure 1.6. Si1005 Block Diagram ........................................................................... 20
Figure 1.7. Si1002/3 RX/TX Direct-tie Application Example .................................... 21
Figure 1.8. Si1000/1 Antenna Diversity Application Example ................................. 21
Figure 1.9. Port I/O Functional Block Diagram ........................................................ 23
Figure 1.10. PCA Block Diagram ............................................................................. 24
Figure 1.11. ADC0 Functional Block Diagram ......................................................... 25
Figure 1.12. ADC0 Multiplexer Block Diagram ........................................................ 26
Figure 1.13. Comparator 0 Functional Block Diagram ............................................ 27
Figure 1.14. Comparator 1 Functional Block Diagram ............................................ 27
Figure 3.1. Si100/1/2/3-E-GM2 Pinout Diagram (Top View) ................................... 33
Figure 3.2. Si1004/5-E-GM2 Pinout Diagram (Top View) ....................................... 34
Figure 3.3. LGA-42 Package Drawing (Si1000/1/2/3/4/5-E-GM2) ........................... 35
Figure 3.4. LGA-42 PCB Land Pattern Dimensions (Si1000/1/2/3/4/5-E-GM2) ...... 37
Figure 3.5. LGA-42 PCB Stencil and Via Placement ............................................... 39
Figure 4.1. Active Mode Current (External CMOS Clock) ....................................... 44
Figure 4.2. Idle Mode Current (External CMOS Clock) ........................................... 45
Figure 4.3. Typical DC-DC Converter Efficiency
(High Current, VDD/DC+ = 2 V ............................................................. 46
Figure 4.4. Typical DC-DC Converter Efficiency
(High Current, VDD/DC+ = 3 V) ............................................................ 47
Figure 4.5. Typical DC-DC Converter Efficiency
(Low Current, VDD/DC+ = 2 V) ............................................................. 48
Figure 4.6. Typical One-Cell Suspend Mode Current .............................................. 49
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................ 51
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................ 52
Figure 4.9. Typical VOL Curves, 1.8–3.6 V ............................................................. 53
Figure 4.10. Typical VOL Curves, 1.8–3.6 V ........................................................... 54
Figure 4.11. Typical VOL Curves, 0.9–1.8 V ........................................................... 55
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 74
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing
(BURSTEN = 0) ..................................................................................... 77
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 79
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 80
Figure 5.5. ADC Window Compare Example: Right-Justified
Single-Ended Data ................................................................................ 90
Figure 5.6. ADC Window Compare Example: Left-Justified
Single-Ended Data ................................................................................ 90
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 91


Numéro de pièce similaire - Si1002-E-GM2

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
Si1002-E-GM SILABS-Si1002-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
More results

Description similaire - Si1002-E-GM2

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI1062-A-GM SILABS-SI1062-A-GM Datasheet
10Mb / 358P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
Texas Instruments
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com