Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3430DV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3430DV
Description  N-Channel 100-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3430DV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3430DV Datasheet HTML 1Page - Vishay Siliconix SI3430DV Datasheet HTML 2Page - Vishay Siliconix SI3430DV Datasheet HTML 3Page - Vishay Siliconix SI3430DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D High-Efficiency PWM Optimized
D 100% Rg Tested
Si3430DV
Vishay Siliconix
Document Number: 71235
S-31725—Rev. B, 18-Aug-03
www.vishay.com
1
N-Channel 100-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
100
0.170 @ VGS = 10 V
2.4
100
0.185 @ VGS = 6.0 V
2.3
(1, 2, 5, 6) D
(3) G
(4) S
N-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3430DV-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 175_C)a
TA = 25_C
ID
2.4
1.8
Continuous Drain Current (TJ = 175_C)a
TA = 85_C
ID
1.7
1.3
A
Pulsed Drain Current
IDM
8
A
Avalanche Current
L = 0 1 mH
IAR
6
Repetitive Avalanche Energy (Duty Cycle v1%)
L = 0.1 mH
EAR
1.8
mJ
Continuous Source Current (Diode Conduction)a
IS
1.7
1.0
A
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.14
W
Maximum Power Dissipationa
TA = 85_C
PD
1.0
0.59
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
45
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
25
30
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Numéro de pièce similaire - SI3430DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3430DV VISHAY-SI3430DV Datasheet
92Kb / 5P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 18-Aug-03
SI3430DV-T1 VISHAY-SI3430DV-T1 Datasheet
92Kb / 5P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 18-Aug-03
SI3430DV-T1-E3 VISHAY-SI3430DV-T1-E3 Datasheet
239Kb / 10P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI3430DV-T1-GE3 VISHAY-SI3430DV-T1-GE3 Datasheet
181Kb / 9P
   N-Channel 100-V (D-S) MOSFET
Rev. C, 04-May-09
logo
VBsemi Electronics Co.,...
SI3430DV-T1-GE3 VBSEMI-SI3430DV-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Description similaire - SI3430DV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com