Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2316DS Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI2316DS
Description  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2316DS Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI2316DS Datasheet HTML 1Page - Vishay Siliconix SI2316DS Datasheet HTML 2Page - Vishay Siliconix SI2316DS Datasheet HTML 3Page - Vishay Siliconix SI2316DS Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFET
APPLICATIONS
D Battery Switch
Si2316DS
Vishay Siliconix
New Product
Document Number: 71798
S-05481—Rev. A, 21-Jan-02
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.050 @ VGS = 10 V
3.4
30
0.085 @ VGS = 4.5 V
2.6
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2316DS (C6)*
*Marking Code
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
V
_
TA= 25_C
3.4
2.9
Continuous Drain Current (TJ = 150_C)a, b
TA= 70_C
ID
2.7
2.3
Pulsed Drain Currentb
IDM
16
A
Continuous Source Current (Diode Conduction)a, b
IS
0.8
TA= 25_C
0.96
0.7
Power Dissipationa, b
TA= 70_C
PD
0.6
0.45
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
100
130
Maximum Junction-to-Ambienta
Steady State
RthJA
140
175
_C/W
Maximum Junction-to-Foot (drain)
Steady State
RthJF
60
75
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature


Numéro de pièce similaire - SI2316DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2316DS VISHAY-SI2316DS Datasheet
178Kb / 7P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2316DS-T1-GE3 VBSEMI-SI2316DS-T1-GE3 Datasheet
487Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI2316DS VISHAY-SI2316DS_V01 Datasheet
178Kb / 7P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI2316DS

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com