Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD4NK100Z Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STD4NK100Z
Description  Very low intrinsic capacitance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK100Z Fiches technique(HTML) 3 Page - STMicroelectronics

  STD4NK100Z Datasheet HTML 1Page - STMicroelectronics STD4NK100Z Datasheet HTML 2Page - STMicroelectronics STD4NK100Z Datasheet HTML 3Page - STMicroelectronics STD4NK100Z Datasheet HTML 4Page - STMicroelectronics STD4NK100Z Datasheet HTML 5Page - STMicroelectronics STD4NK100Z Datasheet HTML 6Page - STMicroelectronics STD4NK100Z Datasheet HTML 7Page - STMicroelectronics STD4NK100Z Datasheet HTML 8Page - STMicroelectronics STD4NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID022821 Rev 2
3/16
STD4NK100Z
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
1000
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
2.2
A
ID
Drain current (continuous) at TC=100 °C
1
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
8.8
A
PTOT
Total dissipation at TC = 25 °C
90
W
VESD(G-S) Gate source ESD (HBM-C=100pF, R=1.5 kΩ)
3000
V
dv/dt
(2)
2.
ISD ≤ 2.2 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
1.39
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJMAX)
2.2
A
EAS
Single pulse avalanche energy
(starting TJ=25 °C, ID=IAR, VDD=50 V)
110
mJ


Numéro de pièce similaire - STD4NK100Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
STD4NK100Z STMICROELECTRONICS-STD4NK100Z_V01 Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
More results

Description similaire - STD4NK100Z

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
June 2013 Rev 2
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
   Very low intrinsic capacitance
June 2013 Rev 1
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
   Very low intrinsic capacitance
August 2013 Rev 1
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
   Very low intrinsic capacitance
September 2013 Rev 1
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
July 2013 Rev 4
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
   Very low intrinsic capacitance
July 2011 Rev 2
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
   Very low intrinsic capacitances
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com