Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP100NF04 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STP100NF04
Description  AEC-Q101 qualified
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100NF04 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STP100NF04 Datasheet HTML 2Page - STMicroelectronics STP100NF04 Datasheet HTML 3Page - STMicroelectronics STP100NF04 Datasheet HTML 4Page - STMicroelectronics STP100NF04 Datasheet HTML 5Page - STMicroelectronics STP100NF04 Datasheet HTML 6Page - STMicroelectronics STP100NF04 Datasheet HTML 7Page - STMicroelectronics STP100NF04 Datasheet HTML 8Page - STMicroelectronics STP100NF04 Datasheet HTML 9Page - STMicroelectronics STP100NF04 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical characteristics
STB100NF04T4, STP100NF04
6/20
DocID9969 Rev 7
2.1
Electrical characteristics (curves)
Figure 2: Power dissipation vs. temperature
Figure 3: Max Id current vs. temperature
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Transconductance
Figure 7: Static drain-source on-resistance


Numéro de pièce similaire - STP100NF04

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STP100NF04 VBSEMI-STP100NF04 Datasheet
970Kb / 7P
   N-Channel 40-V (D-S) MOSFET
logo
STMicroelectronics
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
   N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET??II POWER MOSFET
More results

Description similaire - STP100NF04

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
Alpha & Omega Semicondu...
AOBS30B65LN AOSMD-AOBS30B65LN Datasheet
488Kb / 7P
   650V, 30A Alpha IGBTTM AEC-Q101 Qualified
Rev.4.0: March 2020
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com