Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC1011-350 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STAC1011-350
Description  Excellent thermal stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC1011-350 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STAC1011-350 Datasheet HTML 6Page - STMicroelectronics STAC1011-350 Datasheet HTML 7Page - STMicroelectronics STAC1011-350 Datasheet HTML 8Page - STMicroelectronics STAC1011-350 Datasheet HTML 9Page - STMicroelectronics STAC1011-350 Datasheet HTML 10Page - STMicroelectronics STAC1011-350 Datasheet HTML 11Page - STMicroelectronics STAC1011-350 Datasheet HTML 12Page - STMicroelectronics STAC1011-350 Datasheet HTML 13Page - STMicroelectronics STAC1011-350 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Circuit and BOM
STAC1011-350
10/14
DocID022043 Rev 6
Figure 11. Photo of the demonstration board
R2
CR1206-4W-681JB
680
Ω
R1
CR1206-4W-361JB
360
Ω
PCB
Rogers Duroid 6010 Er = 10.2, Th = 0.64 mm
3X5"
Table 7. Component list (continued)
Componenent
Description
Dimension (X,Y)
Values


Numéro de pièce similaire - STAC1011-350

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
   500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
October 2019 Rev 3
More results

Description similaire - STAC1011-350

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com