Moteur de recherche de fiches techniques de composants électroniques |
|
CDCE937PWRG4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CDCE937PWRG4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 39 page 1 Xin/CLK 20 Xout 2 S0 19 SDA/S1 3 VDD 18 SCL/S2 4 VCtrl 17 Y1 5 GND 16 GND 6 Vddout 15 Y2 7 Y4 14 Y3 8 Y5 13 Vddout 9 GND 12 Y6 10 Vddout 11 Y7 Not to scale 4 CDCE937, CDCEL937 SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016 www.ti.com Product Folder Links: CDCE937 CDCEL937 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated (1) G= Ground, I = Input, O = Output, P = Power 5 Pin Configuration and Functions PW Package 20-Pin TSSOP Top View Pin Functions PIN TYPE(1) DESCRIPTION NAME NO. GND 5, 9, 16 G Ground SCL/S2 18 I SCL: Serial clock input (default configuration), LVCMOS; Internal pullup 500k; S2: User programmable control input; LVCMOS inputs; Internal pullup 500k SDA/S1 19 I/O SDA: Bi-directional serial data input/output (default configuration). LVCMOS; Internal pullup 500k; S1: User programmable control input; LVCMOS inputs; Internal pullup 500k S0 2 I User programmable control input S0; LVCMOS inputs; Internal pullup 500k VCtrl 4 I VCXO control voltage, leave open or pullup (approximately 500k) when not used VDD 3 P 1.8-V power supply for the device Vddout 6, 10, 13 P CDCEL937: 1.8-V supply for all outputs CDCE937: 3.3-V or 2.5-V supply for all outputs Xin/CLK 1 I Crystal oscillator input or LVCMOS clock input (selectable through SDA/SCL bus) Xout 20 O Crystal oscillator output, leave open or pullup (~500k) when not used Y1 17 O LVCMOS outputs Y2 15 O LVCMOS outputs Y3 14 O LVCMOS outputs Y4 7 O LVCMOS outputs Y5 8 O LVCMOS outputs Y6 12 O LVCMOS outputs Y7 11 O LVCMOS outputs |
Numéro de pièce similaire - CDCE937PWRG4 |
|
Description similaire - CDCE937PWRG4 |