Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFI13N65M2 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STFI13N65M2
Description  Zener-protected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI13N65M2 Fiches technique(HTML) 1 Page - STMicroelectronics

  STFI13N65M2 Datasheet HTML 1Page - STMicroelectronics STFI13N65M2 Datasheet HTML 2Page - STMicroelectronics STFI13N65M2 Datasheet HTML 3Page - STMicroelectronics STFI13N65M2 Datasheet HTML 4Page - STMicroelectronics STFI13N65M2 Datasheet HTML 5Page - STMicroelectronics STFI13N65M2 Datasheet HTML 6Page - STMicroelectronics STFI13N65M2 Datasheet HTML 7Page - STMicroelectronics STFI13N65M2 Datasheet HTML 8Page - STMicroelectronics STFI13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2014
DocID026893 Rev 2
1/15
STF13N65M2,
STFI13N65M2
N-channel 650 V, 0.37
Ω typ., 10 A MDmesh™ M2 Power
MOSFETs in TO-220FP and I²PAKFP packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge
• Excellent output capacitance (Coss) profile
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These devices are N-channel Power MOSFETs
developed using MDmesh™ M2 technology.
Thanks to their strip layout and improved vertical
structure, the devices exhibit low on-resistance
and optimized switching characteristics, rendering
them suitable for the most demanding high
efficiency converters.
TO-220FP
1
2
3
1
2
3
I2PAKFP (TO-281)
AM15572v1
Order code
VDS
RDS(on)
max
ID
STF13N65M2
650 V
0.43
10A
STFI13N65M2
Table 1. Device summary
Order code
Marking
Package
Packaging
STF13N65M2
13N65M2
TO-220FP
Tube
STFI13N65M2
I2PAKFP (TO-281)
www.st.com


Numéro de pièce similaire - STFI13N65M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
More results

Description similaire - STFI13N65M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com