Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD37P3H6AG Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STD37P3H6AG
Description  Automotive-grade P-channel -30 V, 11 m廓 typ., -49 A STripFET??H6 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD37P3H6AG Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STD37P3H6AG Datasheet HTML 7Page - STMicroelectronics STD37P3H6AG Datasheet HTML 8Page - STMicroelectronics STD37P3H6AG Datasheet HTML 9Page - STMicroelectronics STD37P3H6AG Datasheet HTML 10Page - STMicroelectronics STD37P3H6AG Datasheet HTML 11Page - STMicroelectronics STD37P3H6AG Datasheet HTML 12Page - STMicroelectronics STD37P3H6AG Datasheet HTML 13Page - STMicroelectronics STD37P3H6AG Datasheet HTML 14Page - STMicroelectronics STD37P3H6AG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD37P3H6AG
Package information
DocID027952 Rev 1
11/16
Table 8: DPAK (TO-252) type A2 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b
0.64
0.90
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
D1
4.95
5.10
5.25
E
6.40
6.60
E1
5.10
5.20
5.30
e
2.16
2.28
2.40
e1
4.40
4.60
H
9.35
10.10
L
1.00
1.50
L1
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R
0.20
V2


Numéro de pièce similaire - STD37P3H6AG

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
STD370BLK VCC-STD370BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD37N05TZ STMICROELECTRONICS-STD37N05TZ Datasheet
150Kb / 8P
   NPN power TRILINTON?
STD37N05TZT4 STMICROELECTRONICS-STD37N05TZT4 Datasheet
150Kb / 8P
   NPN power TRILINTON?
More results

Description similaire - STD37P3H6AG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
   P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
March 2016 Rev 4
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
   Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
July 2016
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
   P-channel -30 V, 12 m廓 typ., -9 A STripFET??H6 Power MOSFET in a PowerFLAT??3.3x3.3 package
March 2016 Rev 2
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
   Automotive-grade P-channel -40 V, 12 m廓 typ., -50 A STripFET??F6 Power MOSFET in a DPAK package
July 2015 Rev 2
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
   Automotive-grade N-channel 60 V, 19 m廓 typ., 24 A STripFET??F6 Power MOSFET in a DPAK package
June 2015 Rev 1
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com