Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD13N60DM2 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STD13N60DM2
Description  Fast-recovery body diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N60DM2 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STD13N60DM2 Datasheet HTML 6Page - STMicroelectronics STD13N60DM2 Datasheet HTML 7Page - STMicroelectronics STD13N60DM2 Datasheet HTML 8Page - STMicroelectronics STD13N60DM2 Datasheet HTML 9Page - STMicroelectronics STD13N60DM2 Datasheet HTML 10Page - STMicroelectronics STD13N60DM2 Datasheet HTML 11Page - STMicroelectronics STD13N60DM2 Datasheet HTML 12Page - STMicroelectronics STD13N60DM2 Datasheet HTML 13Page - STMicroelectronics STD13N60DM2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package information
STD13N60DM2
10/16
DocID029209 Rev 2
4.1
DPAK (TO-252) type A2 package information
Figure 20: DPAK (TO-252) type A2 package outline
0068772_type-A2_rev21


Numéro de pièce similaire - STD13N60DM2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD13N60M2 STMICROELECTRONICS-STD13N60M2 Datasheet
1Mb / 23P
   Extremely low gate charge
September 2016 Rev 4
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
   N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
October 2019 Rev 1
More results

Description similaire - STD13N60DM2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
   Fast-recovery body diode
March 2016 Rev 2
logo
Infineon Technologies A...
SPW15N60CFD INFINEON-SPW15N60CFD Datasheet
700Kb / 14P
   Intrinsic fast-recovery body diode
2008-02-11 revision:1.2
SPI15N60CFD INFINEON-SPI15N60CFD Datasheet
333Kb / 12P
   CoolMOSTM Power Transistor Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-29
SPP15N60CFD INFINEON-SPP15N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.2 2007-08-28
SPP07N60CFD INFINEON-SPP07N60CFD Datasheet
340Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.4 2009-11-27
SPA07N60CFD INFINEON-SPA07N60CFD Datasheet
348Kb / 12P
   CoolMOSTM Power Transistor Features Intrinsic fast-recovery body diode
Rev. 1.0 2007-01-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com