Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STF2N95K5 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STF2N95K5
Description  N-channel 950 V, 4.2typ., 2 A Zener-protected SuperMESH??5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF2N95K5 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STF2N95K5 Datasheet HTML 2Page - STMicroelectronics STF2N95K5 Datasheet HTML 3Page - STMicroelectronics STF2N95K5 Datasheet HTML 4Page - STMicroelectronics STF2N95K5 Datasheet HTML 5Page - STMicroelectronics STF2N95K5 Datasheet HTML 6Page - STMicroelectronics STF2N95K5 Datasheet HTML 7Page - STMicroelectronics STF2N95K5 Datasheet HTML 8Page - STMicroelectronics STF2N95K5 Datasheet HTML 9Page - STMicroelectronics STF2N95K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STD2N95K5, STF2N95K5, STP2N95K5, STU2N95K5
6/23
DocID025300 Rev 1
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for DPAK and
IPAK
Figure 3. Thermal impedance for DPAK and
IPAK
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
10μs
100μs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
GIPD250920131432FSR
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
10μs
100μs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
GIPD250920131438FSR
Figure 6. Safe operating area for TO-220
Figure 7. Thermal impedance for TO-220
ID
1
0.1
0.1
1
100
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
10μs
100μs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
0.01
GIPD250920131442FSR


Numéro de pièce similaire - STF2N95K5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF2N62K3 STMICROELECTRONICS-STF2N62K3 Datasheet
1Mb / 25P
   N-channel 620 V, 3 ohm, 2.2 A SuperMESH3 Power MOSFET
STF2N80K5 STMICROELECTRONICS-STF2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
logo
VBsemi Electronics Co.,...
STF2N80K5 VBSEMI-STF2N80K5 Datasheet
2Mb / 9P
   Power MOSFET
logo
STMicroelectronics
STF2NK60Z STMICROELECTRONICS-STF2NK60Z Datasheet
762Kb / 16P
   Zener-Protected SuperMESH MOSFET
More results

Description similaire - STF2N95K5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD2N80K5 STMICROELECTRONICS-STD2N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 3.5 廓 typ., 2 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2014 Rev 2
STF6N95K5 STMICROELECTRONICS-STF6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STW6N95K5 STMICROELECTRONICS-STW6N95K5 Datasheet
1Mb / 23P
   N-channel 950 V, 1 廓 typ., 9 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220, TO-247 and IPAK
STD3N80K5 STMICROELECTRONICS-STD3N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.8 廓 typ., 2.5 A Zener-protected SuperMESH??5 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
January 2014 Rev 3
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
   N-channel 900 V, 4.1 廓 typ., 3 A Zener-protected SuperMESH??Power MOSFET in DPAK, TO-220 and TO-220FP packages
January 2013 Rev 2
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
   N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
DS2834 - Rev 6 - September 2018
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STD7NK30Z STMICROELECTRONICS-STD7NK30Z Datasheet
731Kb / 15P
   N-channel, 300 V, 0.80 廓, 5 A TO-220, TO-220FP, DPAK Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com