Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB26NM60ND Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STB26NM60ND
Description  Low input capacitance and gate charge
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB26NM60ND Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button STB26NM60ND Datasheet HTML 4Page - STMicroelectronics STB26NM60ND Datasheet HTML 5Page - STMicroelectronics STB26NM60ND Datasheet HTML 6Page - STMicroelectronics STB26NM60ND Datasheet HTML 7Page - STMicroelectronics STB26NM60ND Datasheet HTML 8Page - STMicroelectronics STB26NM60ND Datasheet HTML 9Page - STMicroelectronics STB26NM60ND Datasheet HTML 10Page - STMicroelectronics STB26NM60ND Datasheet HTML 11Page - STMicroelectronics STB26NM60ND Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STB26NM60ND, STF26NM60ND, STP26NM60ND, STW26NM60ND
8/23
DocID025283 Rev 1
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Static drain-source on-resistance
Figure 11. Gate charge vs gate-source voltage
Figure 12. Capacitance variations
Figure 13. Normalized gate threshold voltage vs
temperature
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
5V
6V
VGS=9, 10V
20
40
20
7V
8V
AM16017v1
ID
50
30
10
0
0
4
VGS(V)
8
(A)
2
6
10
20
40
VDS=18V
AM16018v1
RDS(on)
0.140
0.138
0.136
0
4
ID(A)
(
Ω)
2
6
0.142
VGS=10V
8
10
0.144
0.146
0.148
12 14 16
0.150
AM16019v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
60
8
30
40
10
VDD=480V
ID=21A
12
300
200
100
0
400
500
VDS
10
50
VDS
(V)
AM16020v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
10000
AM16021v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID = 250 µA
AM16034v1


Numéro de pièce similaire - STB26NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STB26NM60ND ISC-STB26NM60ND Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - STB26NM60ND

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com