Moteur de recherche de fiches techniques de composants électroniques |
|
STD13NM60N Fiches technique(PDF) 3 Page - STMicroelectronics |
|
STD13NM60N Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 24 page DocID024095 Rev 3 3/24 STB13NM60N, STD13NM60N Electrical ratings 24 1 Electrical ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VDS Drain-source voltage 600 V VGS Gate-source voltage ± 25 V ID Drain current (continuous) at TC = 25 °C 11 A ID Drain current (continuous) at TC = 100 °C 6.93 A IDM (1) 1. Pulse width limited by safe operating area Drain current (pulsed) 44 A PTOT Total dissipation at TC = 25 °C 90 W dv/dt (2) 2. ISD ≤ 11 A, di/dt ≤ 400 A/µs, VDS peak ≤ V(BR)DSS, VDD = 80% V(BR)DSS. Peak diode recovery voltage slope 15 V/ns Tstg Storage temperature - 55 to 150 °C Tj Max. operating junction temperature 150 °C Table 3. Thermal data Symbol Parameter Value Unit D²PAK DPAK Rthj-case Thermal resistance junction-case max 1.39 °C/W Rthj-pcb Thermal resistance junction-pcb max 30 50 °C/W Table 4. Avalanche characteristics Symbol Parameter Value Unit IAS Avalanche current, repetitive or not-repetitive (pulse width limited by Tj max) 3.5 A EAS Single pulse avalanche energy (starting TJ=25 °C, ID=IAS, VDD=50 V) 200 mJ |
Numéro de pièce similaire - STD13NM60N |
|
Description similaire - STD13NM60N |