Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STAC250V2-500E Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STAC250V2-500E
Description  Operating frequency up to 27 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC250V2-500E Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STAC250V2-500E Datasheet HTML 2Page - STMicroelectronics STAC250V2-500E Datasheet HTML 3Page - STMicroelectronics STAC250V2-500E Datasheet HTML 4Page - STMicroelectronics STAC250V2-500E Datasheet HTML 5Page - STMicroelectronics STAC250V2-500E Datasheet HTML 6Page - STMicroelectronics STAC250V2-500E Datasheet HTML 7Page - STMicroelectronics STAC250V2-500E Datasheet HTML 8Page - STMicroelectronics STAC250V2-500E Datasheet HTML 9Page - STMicroelectronics STAC250V2-500E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Impedance data
STAC250V2-500E
6/13
DocID026071 Rev 5
3
Impedance data
Figure 2: Impedance data
Table 7: Impedance values
Frequency (MHz)
Zin
Zdl (150 V)
Zdl (180 V)
Zdl (250 V)
13.56
4.6 + j 3.2
36 + j 18
39 + j 22
44 + j 56


Numéro de pièce similaire - STAC250V2-500E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STAC2932B STMICROELECTRONICS-STAC2932B Datasheet
470Kb / 14P
   Excellent thermal stability
January 2014 Rev 6
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
STAC2932F STMICROELECTRONICS-STAC2932F Datasheet
333Kb / 14P
   Excellent thermal stability
January 2012 Rev 3
STAC2933 STMICROELECTRONICS-STAC2933 Datasheet
270Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
More results

Description similaire - STAC250V2-500E

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
   Operating Frequency Up to 3MHz
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
   27 MHz Center Frequency
2940 KR-2940 Datasheet
69Kb / 3P
   27 MHz Center Frequency
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Pasternack Enterprises,...
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
   SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
logo
Xilinx, Inc
XC9536XL XILINX-XC9536XL Datasheet
311Kb / 7P
   System frequency up to 178 MHz
logo
Silicon Laboratories
SL23EP04 SILABS-SL23EP04 Datasheet
742Kb / 16P
   10 to 220 MHz operating frequency range
logo
Xilinx, Inc
DS108 XILINX-DS108 Datasheet
151Kb / 5P
   System frequency up to 64.5 MHz
logo
Pasternack Enterprises,...
PE71S2013 PASTERNACK-PE71S2013 Datasheet
452Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
PE71S2014 PASTERNACK-PE71S2014 Datasheet
442Kb / 5P
   2.92mm SPDT PIN Diode Switch Operating From 50 MHz to 40 GHz Up To plus 27 dBm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com