Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC818-25 Fiches technique(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BC818-25
Description  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC818-25 Fiches technique(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BC818-25 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC818-25 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC818-25 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC818-25 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
NPN General Purpose Amplifier
BC818
C102
www.gmicroelec.com
Rev.A
1
FEATURES
For general AF application.
Complementary PNP type available
BC808.
High collector current, high current gain.
Low collector-emitter saturation voltage.
APPLICATIONS
General purpose medium power amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BC818-16
6E
SOT-23
BC818-25
6F
SOT-23
BC818-40
6G
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
330
mW
Tj,Tstg
Junction and Storage Temperature
-65 to +150
Pb
Lead-free


Numéro de pièce similaire - BC818-25

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC818-25 SIEMENS-BC818-25 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Central Semiconductor C...
BC818-25 CENTRAL-BC818-25 Datasheet
337Kb / 2P
   SURFACE MOUNT SILICON NPN TRANSISTORS
logo
Infineon Technologies A...
BC818-25 INFINEON-BC818-25 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
GUANGDONG HOTTECH INDUS...
BC818-25 HOTTECH-BC818-25 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diotec Semiconductor
BC818-25 DIOTEC-BC818-25 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Description similaire - BC818-25

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com