Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0809-N Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC0809-N
Description  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0809-N Fiches technique(HTML) 1 Page - Texas Instruments

  ADC0809-N Datasheet HTML 1Page - Texas Instruments ADC0809-N Datasheet HTML 2Page - Texas Instruments ADC0809-N Datasheet HTML 3Page - Texas Instruments ADC0809-N Datasheet HTML 4Page - Texas Instruments ADC0809-N Datasheet HTML 5Page - Texas Instruments ADC0809-N Datasheet HTML 6Page - Texas Instruments ADC0809-N Datasheet HTML 7Page - Texas Instruments ADC0809-N Datasheet HTML 8Page - Texas Instruments ADC0809-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADC0808-N, ADC0809-N
www.ti.com
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
ADC0808/ADC0809 8-Bit
μP Compatible A/D Converters with 8-Channel Multiplexer
Check for Samples: ADC0808-N, ADC0809-N
1
FEATURES
DESCRIPTION
The ADC0808, ADC0809 data acquisition component
2
Easy Interface to All Microprocessors
is a monolithic CMOS device with an 8-bit analog-to-
Operates Ratiometrically or with 5 VDC or
digital
converter,
8-channel
multiplexer
and
Analog Span Adjusted Voltage Reference
microprocessor compatible control logic. The 8-bit
No Zero or Full-Scale Adjust Required
A/D converter uses successive approximation as the
conversion technique. The converter features a high
8-Channel Multiplexer with Address Logic
impedance chopper stabilized comparator, a 256R
0V to VCC Input Range
voltage divider with analog switch tree and a
Outputs meet TTL Voltage Level Specifications
successive approximation register. The 8-channel
multiplexer can directly access any of 8-single-ended
ADC0808 Equivalent to MM74C949
analog signals.
ADC0809 Equivalent to MM74C949-1
The device eliminates the need for external zero and
full-scale
adjustments.
Easy
interfacing
to
KEY SPECIFICATIONS
microprocessors is provided by the latched and
Resolution: 8 Bits
decoded multiplexer address inputs and latched TTL
Total Unadjusted Error: ±½ LSB and ±1 LSB
TRI-STATE outputs.
Single Supply: 5 VDC
The design of the ADC0808, ADC0809 has been
Low Power: 15 mW
optimized by incorporating the most desirable aspects
of several A/D conversion techniques. The ADC0808,
Conversion Time: 100
μs
ADC0809 offers high speed, high accuracy, minimal
temperature
dependence,
excellent
long-term
accuracy and repeatability, and consumes minimal
power. These features make this device ideally suited
to applications from process and machine control to
consumer and automotive applications. For 16-
channel multiplexer with common output (sample/hold
port)
see
ADC0816
data
sheet.
(See
AN-247
(Literature Number SNOA595) for more information.)
Block Diagram
Connection Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC0809-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC0809-N TI1-ADC0809-N Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results

Description similaire - ADC0809-N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
logo
Texas Instruments
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
[Old version datasheet]   8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com