Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08D1520WGFQV Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC08D1520WGFQV
Description  Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1520WGFQV Fiches technique(HTML) 5 Page - Texas Instruments

  ADC08D1520WGFQV Datasheet HTML 1Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 2Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 3Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 4Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 5Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 6Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 7Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 8Page - Texas Instruments ADC08D1520WGFQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
GND
VA
200k
8 pF
VCMO
Enable AC
Coupling
50k
VA
AGND
VA
AGND
50k
Control from VCMO
VCMO
100
VA
AGND
VA
AGND
100
VBIAS
50k
50k
GND
VA
50k
50k
ADC08D1520QML-SP
www.ti.com
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Dual Edge Sampling and Serial Interface Chip Select. With
pin 41 logic low, the device is in Extended Control Mode and
this pin is the enable pin for the Serial Interface . When in
Non-Extended Control Mode and this pin is connected to
127
DES / SCS
VA/2, DES Mode is selected where the I- Channel input is
sampled at twice the input clock rate and the Q- Channel
input is ignored. See Dual-Edge Sampling. When in Non-
Extended Controll Mode and DES is not desired, this pin
should be tied to VA.
LVDS Clock input pins for the ADC. The differential clock
signal must be a.c. coupled to these pins. The input signal is
18
CLK+
sampled on the falling edge of CLK+. See Acquiring the Input
19
CLK-
for a description of acquiring the input and THE CLOCK
INPUTS for an overview of the clock inputs.
Analog signal inputs to the ADC. The differential full-scale
input range is programmable using the FSR pin 14 in Non-
10
VINI−
Extended Control Mode and the Input Full-Scale Voltage
11
VINI+
Adjust register in the Extended Control Mode. Refer to the VIN
22
VINQ+
specification in the Converter Electrical Characteristics for the
23
VINQ−
full-scale input range in the Non-Extended Control Mode.
Refer to REGISTER DESCRIPTION for the full-scale input
range in the Extended Control Mode.
Common Mode Voltage. This pin is the common mode output
in d.c. coupling mode and also serves as the a.c. coupling
mode select pin. When d.c. coupling is used at the analog
inputs, the voltage output at this pin is required to be the
7
VCMO
common mode input voltage at VIN+ and VIN
−. When a.c.
coupling is used, this pin should be grounded. This pin is
capable of sourcing or sinking 100
μA. See THE ANALOG
INPUT.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08D1520QML-SP


Numéro de pièce similaire - ADC08D1520WGFQV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08D1520WGFQV NSC-ADC08D1520WGFQV Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520WGFQV TI-ADC08D1520WGFQV Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

Description similaire - ADC08D1520WGFQV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI-ADC08D1520QML-SP Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com