Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPIUU63-202 Fiches technique(PDF) 2 Page - Total Power International

No de pièce TPIUU63-202
Description  Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU63-202 Fiches technique(HTML) 2 Page - Total Power International

  TPIUU63-202 Datasheet HTML 1Page - Total Power International TPIUU63-202 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OutputVoltageAndCurrentRatingChart(SingleOutput):
OutputVoltageAndCurrentRatingChart(MultiOutput):
ModelNumber
OutputVoltage
OutputCurrent
Total
Regulation
.
Max
OutputPower
Pno (max.)
3~5VDC
5~6VDC
6~8VDC
8~11VDC
11~13VDC
11~13VDC
13~16VDC
16~21VDC
21~27VDC
27~33VDC
33~40VDC
40~48VDC
16.66~10.0 A
11.00~9.16 A
10.00~7.50 A
7.87~5.72 A
5.72~4.84 A
4.09~3.46 A
4.84~3.93 A
3.93~3.00 A
3.00~2.33 A
2.33~1.90 A
1.90~1.57 A
1.57~1.31 A
5%
5%
5%
3%
3%
3%
3%
3%
2%
2%
2%
2%
50W
55W
60W
63W
63W
45W
63W
63W
63W
63W
63W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
Pno
max.
(
)
Model
Number
Output#1
Vonom Iomin Iomax
Output#2
Output#3
Output#4
Max.Output
Powe
r
59.1W
63W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
2W
63W
63W
48.1W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
59.8W
59.8W
53.5W
53.5W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
63W
Vonom Iomin Iomax Regmax
Vonom Iomin Iomax Regmax
63W
Regmax
Regmax
Vonom Iomin Iomax
MechanicalSpecifications:
Note:
1.Dimensionsareshownin
mm.
2.Weight:425gsapprox.
inchesor
3.InputconnectormateswithMolexhousing09-52-4034
andMolex2478seriescrimpterminal.
4.OutputconnectormateswithMolexhousing09-52-4084
andMolex2478seriescrimpterminal.
DeratingCrve:
u
0%
-20
0
20
30
40
50
60
70
80
20%
40%
60%
80%
100%
120%
Temperature(degc)
1.OperatingTemperature:-20to70°C
2.Deratelinearlyfrom100%loadat50°C
to50%loadat70°C
TPIUU63-101
TPIUU63-102
TPIUU63-103
TPIUU63-104
TPIUU63-105
TPIUU63-105-1
TPIUU63-106
TPIUU63-107
TPIUU63-108
TPIUU63-109
TPIUU63-110
TPIUU63-111
TPIUU63-200
TPIUU63-201
TPIUU63-202
+3.3V
+5V
+5V
+12V
+12V
+15V
1.4A
0.7A
0.7A
0.6A
0.3A
0.3A
7A
7A
7A
3A
3A
3A
6%
5%
5%
5%
5%
5%
TPIUU63-203
+5V
+24V
0.7A
0.4A
7A
2A
5%
5%
TPIUU63-204
+3.3V
+5V
1.4A
0.5A
7A
5A
6%
5%
TPIUU63-215
+5V
-24V
1.4A
0.2A
7A
2A
5%
5%
-12V
0A
0.8A
0.8A
5%
TPIUU63-300
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
+12V
0A
5%
TPIUU63-300-1
+3.3V
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
-5V
0A
5%
TPIUU63-301
+5V
+5V
+5V
+5V
+5V
+5V
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+5V
0A
5%
TPIUU63-301-1
+12V
0.6A
0.3A
6A
3A
5%
5%
0.8A
-12V
0A
5%
TPIUU63-302
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
+12V
0A
5%
TPIUU63-302-1
+12V
0.6A
0.6A
6A
3A
5%
5%
0.8A
-15V
0A
5%
TPIUU63-303
+15V
0.6A
0.3A
6A
3A
5%
5%
0.8A
+15V
0A
5%
TPIUU63-303-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
-12V
0A
5%
TPIUU63-305
+24V
1.2A
0.4A
6A
2A
5%
5%
+5V
0.8A
+12V
0A
5%
TPIUU63-305-1
+24V
1.2A
0.4A
6A
2A
5%
5%
+3.3V
+3.3V
0.8A
-5V
0A
5%
TPIUU63-306
+12V
1.2A
0.6A
6A
3A
6%
5%
0.8A
+5V
0A
5%
TPIUU63-306-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
+3.3V
+3.3V
1A
-12V
0A
5%
TPIUU63-308
+5V
0.5A
0.5A
5A
5A
6%
5%
1A
+12V
0A
5%
TPIUU63-308-1
+5V
0.5A
0.5A
5A
5A
6%
5%
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU63-400
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU63-400-1
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU63-400-2
+12V
1.2A
0.6A
6A
3A
6%
5%
+3.3V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU63-400-3
+12V
1.2A
0.6A
6A
3A
6%
5%
+5V
0.8A
0.8A
-12V
-5V
0A
0A
5%
5%
TPIUU63-401
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+5V
0A
0A
5%
5%
TPIUU63-401-1
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-5V
0A
0A
5%
5%
TPIUU63-401-2
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+5V
0A
0A
5%
5%
TPIUU63-401-3
+12V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-12V
0A
0A
5%
5%
TPIUU83-402
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+12V
0A
0A
5%
5%
TPIUU63-402-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-12V
0A
0A
5%
5%
TPIUU63-402-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+12V
0A
0A
5%
5%
TPIUU63-402-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
-24V
0A
0A
5%
5%
TPIUU63-403
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-12V
+24V
0A
0A
5%
5%
TPIUU63-403-1
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
-24V
0A
0A
5%
5%
TPIUU63-403-2
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
+12V
+24V
0A
0A
5%
5%
TPIUU63-403-3
+12V
1.2A
0.6A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
-5V
0A
0A
5%
5%
TPIUU63-404
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
-15V
+5V
0A
0A
5%
5%
TPIUU63-404-1
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
-5V
0A
0A
5%
5%
TPIUU63-404-2
+15V
0.6A
0.3A
6A
3A
5%
5%
+5V
0.8A
0.8A
+15V
+5V
0A
0A
5%
5%
TPIUU63-404-3
+15V
0.6A
0.3A
6A
3A
5%
5%
TPIUU63 SERIES
TPIUU63-4XX
TPIUU63-3XX
TPIUU63-2XX
TPIUU63-1XX
PIN
MODEL
OUT
Vo2
Vo2
Vo3
Vo3
Vo4
Vo3
Vo2
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
Vo1
OUT
OUT
RTN
N/C
COM
COM
COM
COM
COM
COM
COM
COM
N/C
N/C
N/C
N/C
RTN
RTN
RTN
PFD
PFD
PFD
PFD
PFD
TPIUU63-215
Note:Vo1:Output#1Vo2:Output#2Vo3:Output#3
Vo4:Output#4
PINCHART
1
2
3
4
5
6
7
8
(Optional)
63WUBracketType
IndustrialPowerSupplies
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Numéro de pièce similaire - TPIUU63-202

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPIUU60-101 TOTAL-POWER-TPIUU60-101 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-102 TOTAL-POWER-TPIUU60-102 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-103 TOTAL-POWER-TPIUU60-103 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-104 TOTAL-POWER-TPIUU60-104 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU60-105 TOTAL-POWER-TPIUU60-105 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
More results

Description similaire - TPIUU63-202

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
TPIUU-60 TOTAL-POWER-TPIUU-60 Datasheet
289Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIBU-61 TOTAL-POWER-TPIBU-61 Datasheet
396Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-61 TOTAL-POWER-TPIUU-61 Datasheet
296Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-62 TOTAL-POWER-TPIUU-62 Datasheet
288Kb / 2P
   Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com