Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-MKI109V3 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-MKI109V3
Description  Adjustable MEMS DIL24 power supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI109V3 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI109V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 4Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 5Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 6Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 7Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 8Page - STMicroelectronics STEVAL-MKI109V3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2016
DocID029513 Rev 1
1/11
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-MKI109V3
Professional MEMS tool: ST MEMS adapters motherboard
based on the STM32F401VET6 compatible ST MEMS adapters
Data brief
Features
Compatible with all available ST MEMS
adapter boards
Controlled by the STM32F401VET6 high-
performance ARM Cortex™ - M4
microcontroller
Includes a DIL24 socket for easy MEMS
adapter connection
Adjustable MEMS DIL24 power supply
DFU-compatible for USB microprocessor
firmware update
USB 2.0 full-speed compliant
Debugging connector for SWD/JTAG
RoHS compliant
Description
The STEVAL-MKI109V3 motherboard provides
users with a complete, ready-to-use platform for
the evaluation of STMicroelectronics MEMS
products. It includes a high-performance 32-bit
microcontroller which functions as a bridge
between the sensors and a PC, on which you can
download and run the graphical user interface
(GUI) or dedicated software routines for
customized applications.
The board features a DIL24 socket to mount all
available adapters for both digital and analog
output MEMS devices.


Numéro de pièce similaire - STEVAL-MKI109V3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-MKI109V3 STMICROELECTRONICS-STEVAL-MKI109V3 Datasheet
2Mb / 5P
   3D digital accelerometer sensor kit based on LIS25BA
December 2019
STEVAL-MKI109V3 STMICROELECTRONICS-STEVAL-MKI109V3 Datasheet
1Mb / 5P
   LPS28DFW adapter board for a standard DIL24 socket
17-Mar-2022 Revision 1
More results

Description similaire - STEVAL-MKI109V3

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX20058EVKIT MAXIM-MAX20058EVKIT Datasheet
744Kb / 7P
   Adjustable DC power supply
Rev 0; 6/18
MAX20059EVKIT MAXIM-MAX20059EVKIT Datasheet
695Kb / 7P
   Adjustable DC power supply
Rev 0; 10/18
MAX15462BEVKIT MAXIM-MAX15462BEVKIT Datasheet
786Kb / 8P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15062C12EVKIT MAXIM-MAX15062C12EVKIT Datasheet
1Mb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 7/20
logo
Motorola, Inc
MC34710 MOTOROLA-MC34710 Datasheet
518Kb / 16P
   Adjustable Dual Output Switching Power Supply
logo
Maxim Integrated Produc...
MAX15462C12EVKIT MAXIM-MAX15462C12EVKIT Datasheet
1Mb / 8P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
   42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15062AEVKIT MAXIM-MAX15062AEVKIT Datasheet
863Kb / 8P
   60V adjustable, 0.5A DC power supply
Rev 1; 4/19
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994_02 Datasheet
302Kb / 26P
   ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
   ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com