Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS328DQ Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce IIS328DQ
Description  High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS328DQ Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button IIS328DQ Datasheet HTML 12Page - STMicroelectronics IIS328DQ Datasheet HTML 13Page - STMicroelectronics IIS328DQ Datasheet HTML 14Page - STMicroelectronics IIS328DQ Datasheet HTML 15Page - STMicroelectronics IIS328DQ Datasheet HTML 16Page - STMicroelectronics IIS328DQ Datasheet HTML 17Page - STMicroelectronics IIS328DQ Datasheet HTML 18Page - STMicroelectronics IIS328DQ Datasheet HTML 19Page - STMicroelectronics IIS328DQ Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Application hints
IIS328DQ
16/40
DocID027250 Rev 3
4
Application hints
Figure 5. IIS328DQ electrical connections
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 μF aluminum) should
be placed as near as possible to pin 5 of the device (common design practice).
All the voltage and ground supplies must be present at the same time to obtain proper
behavior of the IC (refer to Figure 5). It is possible to remove Vdd while maintaining Vdd_IO
without blocking the communication bus; in this condition the measurement chain is
powered off.
The functionality of the device and the measured acceleration data is selectable and
accessible through the I²C or SPI interfaces. When using the I²C, CS must be tied high.
The functions, the threshold, and the timing of the two interrupt pins (INT 1 and INT 2) can
be completely programmed by the user through the I²C/SPI interface.


Numéro de pièce similaire - IIS328DQ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DHHC STMICROELECTRONICS-IIS3DHHC Datasheet
150Kb / 4P
   Digital inclinometer kit based on IIS3DHHC
Rev 1 - November 2020
IIS3DHHCTR STMICROELECTRONICS-IIS3DHHCTR Datasheet
663Kb / 30P
   High-resolution, high-stability 3-axis digital accelerometer
Rev 3 - March 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
1Mb / 11P
   SensorTile Wireless Industrial Node development kit and reference
Rev 4 - May 2020
IIS3DWB STMICROELECTRONICS-IIS3DWB Datasheet
848Kb / 6P
   STWIN.box - SensorTile Wireless Industrial Node Development Kit
Rev 2 - January 2023
More results

Description similaire - IIS328DQ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
IIS2DH STMICROELECTRONICS-IIS2DH Datasheet
1Mb / 49P
   Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
April 2015 Rev 2
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
   MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
May 2019 Rev 4
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
   ultra-low-power digital output 3-axis accelerometer
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
   High-performance ultra low-power 3-axis accelerometer
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
   ultra-low-power high-performance 3-axis accelerometer
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
   high performance ultra low-power 3-axis accelerometer
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
   MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
June 2019 Rev 4
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
   ultra low-power high performance 3-axis ?쐄emto??accelerometer
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
   ultra-low-power high-performance 3-axis "pico" accelerometer
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
   ultra-low-power high-performance 3-axis "nano" accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com