Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H3LIS100DL Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce H3LIS100DL
Description  8-bit data output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

H3LIS100DL Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button H3LIS100DL Datasheet HTML 23Page - STMicroelectronics H3LIS100DL Datasheet HTML 24Page - STMicroelectronics H3LIS100DL Datasheet HTML 25Page - STMicroelectronics H3LIS100DL Datasheet HTML 26Page - STMicroelectronics H3LIS100DL Datasheet HTML 27Page - STMicroelectronics H3LIS100DL Datasheet HTML 28Page - STMicroelectronics H3LIS100DL Datasheet HTML 29Page - STMicroelectronics H3LIS100DL Datasheet HTML 30Page - STMicroelectronics H3LIS100DL Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
DocID027504 Rev 2
27/38
H3LIS100DL
Register description
38
The BOOT bit is used to refresh the content of the internal registers stored in the Flash
memory block. At device power-up, the content of the Flash memory block is transferred to
the internal registers related to trimming functions in order to permit correct operation of the
device itself. If for any reason the content of the trimming registers is changed, it is sufficient
to use this bit to restore the correct values. When the BOOT bit is set to ‘1’, the content of
the internal Flash is copied inside the corresponding internal registers and it is used to
calibrate the device. These values are factory trimmed and they are different for every
accelerometer. They permit correct operation of the device and normally they do not have to
be changed. At the end of the boot process the BOOT bit is set again to ‘0’.
HPCF[1:0]. These bits are used to configure the high-pass filter cutoff frequency ft which is
given by:
The equation can be simplified to the following approximated equation:
Table 23. High-pass filter mode configuration
HPM1
HPM0
High-pass filter mode
0
0
Normal mode (reset by reading HP_RESET_FILTER)
0
1
Reference signal for filtering
1
0
Normal mode (reset by reading HP_RESET_FILTER)
Table 24. High-pass filter cutoff frequency configuration
HPcoeff2,1
ft [Hz]
Data rate = 50 Hz
ft [Hz]
Data rate = 100 Hz
ft [Hz]
Data rate = 400 Hz
00
128
01
0.5
1
4
10
0.25
0.5
2
11
0.125
0.25
1
ft
1
1
HPc
------------

 fs
2
------
ln
=
ft
fs
6HPc
-------------------
=


Numéro de pièce similaire - H3LIS100DL

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS200DLTR STMICROELECTRONICS-H3LIS200DLTR Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
H3LIS331DLTR STMICROELECTRONICS-H3LIS331DLTR Datasheet
1,023Kb / 11P
   NFC dynamic tag sensor and processing node evaluation board
rev 1 - November 2022
More results

Description similaire - H3LIS100DL

FabricantNo de pièceFiches techniqueDescription
logo
Micon Design Technology...
MDT13P02 MDTIC-MDT13P02_11 Datasheet
314Kb / 23P
   8-bit data bus
logo
STMicroelectronics
ST72104GX STMICROELECTRONICS-ST72104GX Datasheet
2Mb / 141P
   8-bit data manipulation
March 2008 Rev. 3
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
   8 bit Address - 8 bit Data encoder/decoder
logo
National Semiconductor ...
DAC0854 NSC-DAC0854 Datasheet
269Kb / 14P
   8-Bit Voltage-Output
logo
Amphenol Corporation
NPX-SPI AMPHENOL-NPX-SPI Datasheet
133Kb / 4P
   8-bit calibrated output
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
List of Unclassifed Man...
ZN525 ETC1-ZN525 Datasheet
407Kb / 8P
   8-BIT MULTIFUNCTION DATA CONVERTER
logo
Diodes Incorporated
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com