Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK9710 Fiches technique(PDF) 9 Page - Asahi Kasei Microsystems

No de pièce AK9710
Description  High Speed Response (~100kHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9710 Fiches technique(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK9710 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 9Page - Asahi Kasei Microsystems AK9710 Datasheet HTML 10Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
[AK9710AEF01]
016013404-E-01
2016/12
- 9 -
13. Precautions
<Electrostatic Discharge (ESD)>
This product is sensitive to Electrostatic Discharge (ESD). When handling the product, please be careful
about the following matters.
When you handle the product, please work in the environment to protect against static electricity
(ex. more than 40%RH).
Always use an ESD wrist strap and wear antistatic clothes.
Please take electrostatic measures of the container etc. where the product touches directly.
<Storage Environment>
Please avoid exposed to direct sunlight. Please keep it as much as possible at room temperature and
normal humidity. The desirable condition is 5-35
C and 40 - 85%RH. In addition, please keep the
product away from the chlorine gas and the causticity gas. When this product is kept in inappropriate
environment, it may influence product properties.
<Other Precautions>
As Gallium Arsenide (GaAs) and Indium Antimonide (InSb) are used for this product, please be careful
about the following matters.
1) Please do not take this product to burning and melting and destroys, chemical processing etc..
2) When you discard this product, please handle it according to related laws and your regulations on
waste disposal.
Please be careful not to damage and pollute the sensor surface because the sensor properties may
change.
14. Ordering Guide
AK9710AEF01
-40 ~ 85ºC
10-pin SON
Consumer Grade
AKD9710
Evaluation Board
15. Revision History
Date (Y/M/D)
Revision
Reason
Page
Contents
16/10/24
00
First Edition
16/12/20
01
Correction
4
Corrected Final Test Condition of Electrical
Characteristics


Numéro de pièce similaire - AK9710

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK9720 AKM-AK9720 Datasheet
902Kb / 31P
   IR Sensor Module with I2C I/F
AK9750 AKM-AK9750 Datasheet
1Mb / 49P
   IR Sensor IC with I2C I/F
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
More results

Description similaire - AK9710

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KPC6N137 COSMO-KPC6N137 Datasheet
195Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137H COSMO-KPC6N137H Datasheet
147Kb / 8P
   Super High Speed Response Photocoupler
KPC6N137S COSMO-KPC6N137S Datasheet
148Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410_12 Datasheet
135Kb / 8P
   Super High Speed Response Photocoupler
KPC410 COSMO-KPC410 Datasheet
118Kb / 7P
   Super High Speed Response Photocoupler
logo
IXYS Corporation
IXGI48N60C3 IXYS-IXGI48N60C3 Datasheet
247Kb / 7P
   High-Speed PT IGBTs for 40-100kHz Switching
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
   Super High Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
   Ultra-high Speed Response OPIC Photocoupler
logo
Asahi Kasei Microsystem...
CQ-3301 AKM-CQ-3301 Datasheet
566Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3204 AKM-CQ-3204 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com